Electronic Components Datasheet Search
  English  ▼

X  

LTC3882 Datasheet(PDF) 69 Page - Analog Devices

Part # LTC3882
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3882 Datasheet(HTML) 69 Page - Analog Devices

Back Button LTC3882 Datasheet HTML 65Page - Analog Devices LTC3882 Datasheet HTML 66Page - Analog Devices LTC3882 Datasheet HTML 67Page - Analog Devices LTC3882 Datasheet HTML 68Page - Analog Devices LTC3882 Datasheet HTML 69Page - Analog Devices LTC3882 Datasheet HTML 70Page - Analog Devices LTC3882 Datasheet HTML 71Page - Analog Devices LTC3882 Datasheet HTML 72Page - Analog Devices LTC3882 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 110 page
background image
LTC3888-1
69
Rev. 0
For more information www.analog.com
Two 470μF Panasonic 5mΩ POSCAPs and three 100μF
ceramic capacitors are chosen for each phase output to
maintain supply regulation during severe transient condi-
tions and to minimize output voltage ripple.
The loop compensation components C18, C21 (VOUT0)
and C19,C22 (VOUT1) provide a good starting point to
tune the crossover frequency by programming error
amplifer transconductance and internal RITH with the help
of LTpowerCAD, LTpowerPlay and built-in LTC3888-1 load
step emulation. With a 500kHz switching frequency, an
initial crossover target of 100kHz should provide good
transient performance. System phase margin of around
65° is recommended at that bandwidth.
For output current sensing, the TDA21470 provides a
voltage-mode monitor scaled to 5mV/A, ideal for the
LTC3888-1and allowing direct connection from IOUT to the
LTC3888-1 ISENSE pin. The IREF output of the LTC3888-1
is used to provide the necessary common mode refer-
ence to all power stages. Each DrMOS device then has
470nF of local bypassing on this DC reference (REFIN) to
limit introduction of switching noise and crosstalk. These
capacitors should be returned to GND (the LTC3888-1
package paddle) for best noise performance.
External temperatures of interest are also sensed by the
individual power stages. The highest temperature for each
rail is indicated on the shared TOUT/FLT bus, which is con-
nected directly to the respective LTC3888-1 TSNS input.
The required RSET resistor (18.7kΩ) is connected to GND.
Resistor configuration is then used on the ASEL0 and
ASEL1 pins to program PMBus address (MFR_ADDRESS)
to 0x28. Each LTC3888-1 must be configured for a
unique address. Using both ASEL pins to accomplish
this is recommended for simpliest in-system program-
ming. Check the selected address to avoid collision with
global addresses or other any other specific devices. The
LTC3888-1 also responds to 7-bit global addresses 0x5A
and 0x5B. MFR_ADDRESS and MFR_RAIL_ADDRESS
should not be set to either of these values. Resistors are
used to program ILIM0_CFG and ILIM1_CFG to set IOUT_
OC_WARN_LIMIT to 32A and IOUT_OC_FAULT_LIMIT
to 40A, based on the design value of 25A rated load
per phase (100A total) with a room temperature choke
saturation of 50A.
PMBus connection (three signals), as well as shared RUN
control and fault propagation (FAULT) for each rail are
provided. SYNC can be used to synchronize other PWMs
to this device if required.
Pull-ups are provided on all open-drain signals assuming
a maximum 100pF line load and PMBus rate of 100kHz.
These pins should not be left floating. Termination to
3.3V ensures the absolute maximum ratings for the pins
are not exceeded. All other operating parameters such
as soft-start/stop and desired fault responses are pro-
grammed via PMBus command values stored in internal
LTC3888-1 EEPROM.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com