Electronic Components Datasheet Search
  English  ▼

X  

LTC3882 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC3882
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3882 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC3882 Datasheet HTML 17Page - Analog Devices LTC3882 Datasheet HTML 18Page - Analog Devices LTC3882 Datasheet HTML 19Page - Analog Devices LTC3882 Datasheet HTML 20Page - Analog Devices LTC3882 Datasheet HTML 21Page - Analog Devices LTC3882 Datasheet HTML 22Page - Analog Devices LTC3882 Datasheet HTML 23Page - Analog Devices LTC3882 Datasheet HTML 24Page - Analog Devices LTC3882 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
LTC3888-1
21
Rev. 0
For more information www.analog.com
OPERATION
• Device responds only at device address 0x7C and
global addresses 0x5A and 0x5B
• A persistent Memory Fault Detected is indicated by
STATUS_CML
• Internal EEPROM is not accessed
• RUN pins and SHARE_CLK are driven low continuously
Normal operation can be restored if the RAM BIST sub-
sequently passes, for instance as the result of another
MFR_RESET issued to address 0x7C.
During initialization all PWM outputs are disabled. The
RUN pins and SHARE_CLK are held low and FAULT pins
are high impedance. External configuration resistors are
identified and the contents of the onboard EEPROM are
read into the controller command RAM. The LTC3888-1
can determine key operating parameters from external
configuration resistors according to application Table 10
through Table 12. See the following Resistor Configuration
Pins section for more detail. The resistor configuration
pins only determine some of the preset values of the
controller. The remaining values, retrieved from internal
EEPROM, are programmed at the factory or with PMBus
commands.
If the configuration resistor pins are all open, the
LTC3888-1 will use only EEPROM contents to determine
all operating parameters. If Ignore Resistor Configuration
Pins is set (bit 6 of MFR_CONFIG_ALL), the LTC3888-1
will use only its EEPROM contents to determine all operat-
ing parameters except device address. Unless both ASEL
pins are completely open, the LTC3888-1 will always
determine some portion of its device address from the
resistors on these pins. See Serial Bus Addressing later
in this section.
Testing Integrity of Output Voltage Sense
During initialization, the LTC3888-1 also runs a connectiv-
ity check on the output voltage sense line (VSENSE+) of any
enabled master channel (see bit 4 of MFR_PWM_MODE_
LTC3888-1). If an open circuit is detected during this test,
the failure is indicated in the PMBus status registers, and
all PWMs on the IC are disabled until the test subsequently
passes after MFR_RESET or device power cycle.
ANALOG OUTPUT VOLTAGE CONTROL
The default factory EEPROM settings allow programming
of output voltage using only the external resistors R1 and
R2 shown in Figure 1. The control loop then produces the
desired output in a classical fashion as VFB is regulated
to 400mV. With other key parameters such as output
current limit programmable using external configuration
resistors, it is possible to create complex PolyPhase rail
solutions without needing to connect the device to any
digital bus. Refer to the Applications Information section
for more details on using analog output voltage control
with default factory EEPROM settings.
PMBUS OUTPUT VOLTAGE CONTROL
Once external programming resistors R1 and R2 (Figure
1) are chosen, it is possible to also use the full range
of digitally programmed output voltage control found
on most ADI PSM controllers. This is accomplished by
specifying the external divider gain with VOUT_SCALE_
LOOP. Again, refer to Applications Information for com-
plete details on controlling output voltage using built-in
LTC3888-1 PMBus commands and features.
SOFT-START
The internal microcontroller typically requires 35ms
to complete initialization once all onboard supplies are
above their UVLO threshold. After MCU initialization, an
internal comparator monitors VIN, which must exceed the
VIN_ON threshold before output power sequencing can
begin. SHARE_CLK is released to run and the RUN pins
are released for external control after the part initializes
and VIN is greater than the VIN_ON threshold. Accurate
readback telemetry can then require an additional 90ms
for initial round-robin A/D conversions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com