Electronic Components Datasheet Search
  English  ▼

X  

LTC7151S Datasheet(PDF) 6 Page - Analog Devices

Part # LTC7151S
Description  5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7151S Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC7151S Datasheet HTML 2Page - Analog Devices LTC7151S Datasheet HTML 3Page - Analog Devices LTC7151S Datasheet HTML 4Page - Analog Devices LTC7151S Datasheet HTML 5Page - Analog Devices LTC7151S Datasheet HTML 6Page - Analog Devices LTC7151S Datasheet HTML 7Page - Analog Devices LTC7151S Datasheet HTML 8Page - Analog Devices LTC7151S Datasheet HTML 9Page - Analog Devices LTC7151S Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC3311S
6
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS V
IN = 3.3V, TA = 25°C, unless otherwise noted.
Soft-Start Current
TEMPERATURE (°C)
10.8
10.4
10.7
10.6
10.3
10.5
10.2
10.0
10.1
3311S G17
–50
75
25
125
50
0
100
–25
EN Pin Thresholds
TEMPERATURE (°C)
410
370
400
390
360
380
350
340
3310S G16
–50
75
25
125
50
0
100
–25
EN RISING
EN FALLING
Soft-Start Tracking
VIN Quiescent Current
VIN Shutdown Current
Switch Current Limit
UV PGOOD Threshold
OV PGOOD Threshold
Minimum On-Time
SSTT VOLTAGE (mV)
600
200
500
400
100
300
0
3311S G18
0
500
300
600
400
200
100
TEMPERATURE (°C)
2.5
1.0
2.0
1.5
0.5
0
3311S G19
–50
75
25
125
50
0
100
–25
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
TEMPERATURE (°C)
2.5
1.0
2.0
1.5
0.5
0
3311S G20
–50
75
25
125
50
0
100
–25
TEMPERATURE (°C)
16
18
12
6
14
8
2
10
4
0
3311S G21
–50
75
25
125
50
0
100
–25
NMOS I LIMIT
PMOS I LIMIT
TEMPERATURE (°C)
–3.5
–3.0
–1.0
–2.5
–2.0
–1.5
–0.5
0
3311S G22
–50
75
25
125
50
0
100
–25
FB RISING
FB FALLING
TEMPERATURE (°C)
10.0
9.0
6.5
8.5
9.5
8.0
6.0
7.0
7.5
5.5
5.0
3311S G23
–50
75
25
125
50
0
100
–25
FB RISING
FB FALLING
TEMPERATURE (°C)
80
60
10
50
70
40
20
30
0
3311S G24
–50
75
25
125
50
0
100
–25
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com