Electronic Components Datasheet Search
  English  ▼

X  

LTC7151S Datasheet(PDF) 28 Page - Analog Devices

Part # LTC7151S
Description  5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7151S Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC7151S Datasheet HTML 20Page - Analog Devices LTC7151S Datasheet HTML 21Page - Analog Devices LTC7151S Datasheet HTML 22Page - Analog Devices LTC7151S Datasheet HTML 23Page - Analog Devices LTC7151S Datasheet HTML 24Page - Analog Devices LTC7151S Datasheet HTML 25Page - Analog Devices LTC7151S Datasheet HTML 26Page - Analog Devices LTC7151S Datasheet HTML 27Page - Analog Devices LTC7151S Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC3311S
28
Rev. A
For more information www.analog.com
ANALOG DEVICES, INC. 2020-2021
01/21
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC3310/LTC3310S 5V, 10A Synchronous Step-Down
Silent Switcher/Silent Switcher 2 in
3mm × 3mm LQFN
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 10A at
Switching Frequencies up to 5MHz. Silent Switcher Architecture for Ultralow EMI
Emissions. 2.25V to 5.5V Input Operating Range. 0.5V to VIN Output Voltage
Range with ±1% Accuracy. PGOOD Indication, RT Programming, SYNC Input.
Configurable for Paralleling Power Stages. 3mm x 3mm LQFN-18.
LTC3315A/
LTC3315B
Dual 5V, 2A Synchronous Step-Down DC/DCs in
2mm × 2mm LQFN
Dual Monolithic Synchronous Step-Down Voltage Regulators each Capable of
Supplying 2A at Switching Frequencies up to 3MHz(A) and 10MHz(B). 2.25V
to 5.5V Input Operating Range. 0.5V to VIN Output Voltage Range with ±1%
Accuracy. PGOOD Indication, SYNC Input. 2mm x 2mm LQFN-12.
LTC3636/LTC3636-1 Dual Channel 6A, 20V Monolithic Synchronous
Step-Down Regulator
95% Efficiency, VIN: 3.1V to 20V, VOUT(MIN) = 0.6V (LTC3636), 1.8V (LTC3636-1),
IQ = 1.3mA, ISD < 13µA, 4mm × 5mm QFN-28
LTC3615/LTC3615-1 Dual Channel 5.5V, 3A (IOUT), 4MHz,
Synchronous Step-Down DC/DC Converter
94% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.6V, IQ = 130µA, ISD < 1µA,
4mm × 4mm QFN-24 Package
LTC3614/LTC3616
5.5V, 4A/6A (IOUT), 4MHz, Synchronous Step-
Down DC/DC Converter with Tracking and DDR
95% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.6V, IQ = 75µA, ISD < 1µA,
3mm × 5mm QFN-24 Package
LTC3612
5.5V, 3A (IOUT), 4MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.8V, IQ = 60µA, ISD < 1µA,
TSSOP-16E and 4mm × 4mm QFN-16 Packages
LTC7150S
20V, 20A Synchronous Step-Down
Silent Switcher 2 Regulator
92% Efficiency, VIN: 3.1V to 20V, VOUT(MIN) = 0.6V, IQ = 2mA, ISD ≤ 40µA,
Differential Remote Sense, 6mm × 5mm BGA
LT8642S
18V, 10A Synchronous Step-Down
Silent Switcher 2 Regulator
96% Efficiency, VIN: 2.8V to 18V, VOUT(MIN) = 0.6V, IQ = 240µA, ISD < 1µA,
4mm × 4mm LQFN-24
LT8640S
42V, 6A Synchronous Step-Down
Silent Switcher 2 with 2.5μA Quiescent Current
96% Efficiency, VIN: 3.4V to 42V, VOUT(MIN) = 1.0V, IQ = 230µA, ISD < 1µA,
4mm × 4mm LQFN-24
LT8650S
Dual Channel 4A, 42V, Synchronous Step-Down
Silent Switcher 2 with 6.2µA Quiescent Current
94.5% Efficiency, VIN: 3V to 42V, VOUT(MIN) = 0.8V, IQ = 5mA, ISD < 2µA,
4mm × 6mm LQFN-32
LTC7151S
20V, 15A Synchronous Step-Down
Silent Switcher 2 Regulator
92.5% Efficiency, VIN: 3.1V to 20V, VOUT(MIN) = 0.5V, IQ = 2mA, ISD < 20µA,
4mm × 5mm LQFN-28
LTC3307A/B,
LTC3308A/B,
LTC3309A/B
3A, 4A & 6A 5V Synchronous Step-Down
DC/DC in 2mm × 2mm LQFN-12
Monolithic Synchronous Step-Down DC/DC Capable of Supplying up to 6A
at Switching Frequencies Up to 3MHz (A) and 10MHz (B). Silent Switcher
Architecture for Ultralow EMI Emissions. 2.25V to 5.5V Input Operating Range.
0.5V to VIN Output Voltage Range with ±1% Accuracy. PGOOD Indication, RT
Programming, SYNC Input. 2mm × 2mm LQFN-12
3MHz, 1.0V, 12.5A , Forced Continuous Mode
3311S TA10
VOUT
1.0V
12.5A
PGOOD
SW
FB
AGND
RT
EN
22µF
×3
VIN
PGND
LTC3311S
VIN
3.0V TO 5.5V
22µF
22µF
100k
10pF
100k
4.75k
178k
470pF
0.1µF
72nH
L = COILCRAFT, XEL3515-720MEB
MODE/SYNC
SSTT
ITH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com