Electronic Components Datasheet Search
  English  ▼

X  

LTC7151S Datasheet(PDF) 18 Page - Analog Devices

Part # LTC7151S
Description  5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7151S Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC7151S Datasheet HTML 14Page - Analog Devices LTC7151S Datasheet HTML 15Page - Analog Devices LTC7151S Datasheet HTML 16Page - Analog Devices LTC7151S Datasheet HTML 17Page - Analog Devices LTC7151S Datasheet HTML 18Page - Analog Devices LTC7151S Datasheet HTML 19Page - Analog Devices LTC7151S Datasheet HTML 20Page - Analog Devices LTC7151S Datasheet HTML 21Page - Analog Devices LTC7151S Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LTC3311
18
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
pin is also actively pulled low during fault conditions: EN
pin is low, VIN is too low or in thermal shutdown.
For multiphase applications the PGOOD pin is used for
communication between the master and slave phases.
Connect the PGOOD pins together and pull-up to VIN or
VOUT with an external resistor.
Output Short Circuit Protection and Recovery
The peak inductor current at which the current compara-
tor shuts off the top power switch is controlled by the
voltage on the ITH pin. If the output current increases,
the error amplifier raises the ITH pin voltage until the
average inductor current matches the new load current.
In normal operation, the LTC3311 clamps the maximum
ITH pin voltage.
When the output is shorted to ground, the inductor cur-
rent decays very slowly during the switch off time because
of the low voltage across the inductor. To keep the current
in control, a secondary limit is also imposed on the valley
inductor current. If the inductor current measured through
the bottom power switch increases beyond IVALLEY(MAX),
the top power switch will be held off and switching cycles
will be skipped until the inductor current is reduced.
Recovery from a short circuit can be abrupt and because
the output is shorted and below regulation the regulator
is requesting the maximum current to charge the output.
When the short circuit condition is removed, the induc-
tor current could cause an extreme voltage overshoot in
the output. The LTC3311 addresses this potential issue
by regulating the SSTT voltage just above the FB volt-
age anytime the output is out of regulation. Therefore,
a recovery from an output short circuit goes through a
soft-start cycle. The output ramp is controlled and the
overshoot is minimized.
Low EMI PCB Layout
The LTC3311 is specifically designed to minimize EMI/
EMC emissions and also to maximize efficiency when
switching at high frequencies. For optimal performance,
the LTC3311 requires the use of multiple VIN bypass
capacitors.
The LTC3311 does not have any internal bypass capacitors
and hence requires three additional 0201 external capaci-
tors (CIN5, CIN6, and CIN7), as shown in Figure 4. Place
these capacitors as close as possible to the IC.
To avoid noise coupling into FB, the resistor divider
should be placed near the FB and AGND pins and physi-
cally close to the LTC3311. The remote output and ground
traces should be routed together as a differential pair to
the remote output. These traces should be terminated as
close as physically possible to the remote output point
that is to be accurately regulated through remote differ-
ential sensing.
See Figure 4 for a recommended PCB layout.
Figure 4. Recommended PCB Layout for the LTC3311
COUT1
COUT2
L
CIN1
RB
RA
CFF
CIN2
CIN6
CIN5
CIN7
GND
GND
VIN
GROUND PLANE ON LAYER 2
VOUT
CSS
RC
CC2
CC1
RT
3310 F04
1
14
5
10
18
15
19
6
9
TO VOUT & GND
REMOTE SENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com