Electronic Components Datasheet Search
  English  ▼

X  

LTC7151S Datasheet(PDF) 23 Page - Analog Devices

Part # LTC7151S
Description  5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7151S Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC7151S Datasheet HTML 18Page - Analog Devices LTC7151S Datasheet HTML 19Page - Analog Devices LTC7151S Datasheet HTML 20Page - Analog Devices LTC7151S Datasheet HTML 21Page - Analog Devices LTC7151S Datasheet HTML 22Page - Analog Devices LTC7151S Datasheet HTML 23Page - Analog Devices LTC7151S Datasheet HTML 24Page - Analog Devices LTC7151S Datasheet HTML 25Page - Analog Devices LTC7151S Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
LTC3311
23
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
5MHz, 1V, 12.5A, Forced Continuous Mode
3311 TA06
VOUT
1V
12.5A
EN
MODE/SYNC
SSTT
ITH
PGOOD
SW
FB
AGND
RT
22µF
×3
WURTH 744340300055
VIN
PGND
LTC3311
100k
VIN
3.0V TO 3.6V
649k
100k
22µF
4.12k
680pF
22µF
0.1µF
0.1µF
0.1µF
100k
10pF
100k
55nH
1 F
VIN
2MHz, 3.3V, 12.5A, Pulse Skip Mode
3311 TA07
EN
MODE/SYNC
SSTT
ITH
VOUT
3.3V
12.5A
PGOOD
SW
FB
AGND
RT
PGOOD
VIN
VIN
4.5V TO 5.5V
PGND
LTC3311
1M
100k
22µF
562k
10pF
100k
200nH
100k
VIN
VIN
VOUT
1k
1500pF
22µF
0.1µF
0.1µF
0.1µF
22µF
x2
L = COILCRAFT, XEL4030-201ME
1 F
VIN
High Efficiency, 2MHz, 0.5V, 12.5A, Forced Continuous Mode, Low Part Count
1 F
VIN
3311 TA08
VOUT
0.5V
12.5A
PGOOD
SW
FB
AGND
RT
EN
47µF
×4
1M
VIN
PGND
LTC3311
VIN
3.0V TO 4.3V
22µF
0.1µF
0.1µF
22µF
6.81k
VIN
680pF
0.1µF
55nH
WURTH 744340300055
MODE/SYNC
SSTT
ITH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com