Electronic Components Datasheet Search
  English  ▼

X  

HCPL-M701 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-M701
Description  Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-M701 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  HCPL-M701 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Figure 7. Switching Test Circuit.
Figure 8. Test Circuit for Transient Immunity and Typical Waveforms.
VO
0.1µF
RL
A
B
PULSE GEN.
VCM
+
VFF
+5 V
–
VO
VOL
VO
0 V
10%
90%
90%
10%
SWITCH AT A: I = 0 mA
F
SWITCH AT B: I = 1.6 mA
F
VCM
tr
tf
5 V
10 V
IF
1
6
5
4
3
tr, tf = 16 ns
RCC (SEE NOTE 5)
220
Ω
VO
PULSE
GEN.
ZO = 50 Ω
tr = 5 ns
IF MONITOR
IF
0.1µF
RL
CL = 15 pF*
RM
0
tPHL
tPLH
VO
IF
VOL
1.5 V
1.5 V
+5 V
1
3
6
5
4
5 V
90%
10%
90%
10%
(SATURATED
RESPONSE)
(NON-
SATURATED
RESPONSE)
VO
5 V
tf
tr
* INCLUDES PROBE AND
FIXTURE CAPACITANCE
10% DUTY CYCLE
1/f
100 µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com