Electronic Components Datasheet Search
  English  ▼

X  

HCPL-M701 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL-M701
Description  Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-M701 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-M701 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Absolute Maximum Ratings
(No Derating Required up to 85
°C)
Storage Temperature ................................................. -55
°C to +125°C
Operating Temperature ............................................... -40
°C to +85°C
Average Input Current - IF ........................................................ 20 mA
Peak Input Current - IF .............................................................. 40 mA
(50% duty cycle, 1 ms pulse width)
Peak Transient Input Current - IF .............................................. 1.0 A
(
≤1 µs pulse width, 300 pps)
Reverse Input Voltage - VR .............................................................. 5 V
Input Power Dissipation ........................................................... 35 mW
Output Current - IO (Pin 5) ........................................................ 60 mA
Supply and Output Voltage - VCC (Pin 6-4),VO (Pin 5-4)
HCPL-M700 ................................................................... -0.5 V to 7 V
HCPL-M701 ................................................................. -0.5 V to 18 V
Output Power Dissipation ....................................................... 100 mW
Infrared and Vapor Phase Reflow Temperature .................. see below
Solder Reflow Thermal Profile
Recommended Pb-Free IR Profile
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160°C
140°C
150°C
PEAK
TEMP.
245°C
PEAK
TEMP.
240°C
PEAK
TEMP.
230°C
SOLDERING
TIME
200°C
PREHEATING TIME
150°C, 90 + 30 SEC.
2.5°C ± 0.5°C/SEC.
3°C + 1°C/–0.5°C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3°C + 1°C/–0.5°C/SEC.
REFLOW HEATING RATE 2.5°C ± 0.5°C/SEC.
Insulation Related Specifications
Parameter
Symbol
Value
Units
Conditions
Min. External Air Gap
L(IO1)
≥5
mm
Measured from input terminals
(Clearance)
to output terminals
Min. External Tracking Path
L(IO2)
≥5
mm
Measured from input terminals
(Creepage)
to output terminals
Min. Internal Plastic Gap
0.08
mm
Through insulation distance
(Clearance)
conductor to conductor
Tracking Resistance
CTI
175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group (per DIN VDE 0109)
IIIa
Material Group DIN VDE 0109
217 °C
RAMP-DOWN
6 °C/SEC. MAX.
RAMP-UP
3 °C/SEC. MAX.
150 - 200 °C
260 +0/-5 °C
t 25 °C to PEAK
60 to 150 SEC.
20-40 SEC.
TIME WITHIN 5 °C of ACTUAL
PEAK TEMPERATURE
tp
ts
PREHEAT
60 to 180 SEC.
tL
TL
Tsmax
Tsmin
25
Tp
TIME
NOTES:
THE TIME FROM 25 °C to PEAK
TEMPERATURE = 8 MINUTES MAX.
Tsmax = 200 °C, Tsmin = 150 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com