Electronic Components Datasheet Search
  English  ▼

X  

HCPL-M701 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-M701
Description  Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-M701 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-M701 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-M701 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
The HCPL-M701 is for use in
CMOS, LSTTL or other low power
applications. A 400% minimum
current transfer ratio is
guaranteed over a 0-70
°C
operating range for only 0.5 mA
of LED current.
The HCPL-M700 is designed for
use mainly in TTL applications.
Current Transfer Ratio is 300%
minimum over 0-70
°CforanLED
current of 1.6 mA [1 TTL Unit
Load (U.L.)]. A 300% CTR
enables operation with 1 U.L. out
with a 2.2 k
Ω pull-up resistor.
Selection for lower input currents
down to 250
µA is available upon
request.
Outline Drawing (JEDEC MO-155)
Applications
• Ground Isolate Most Logic
Families - TTL/TTL, CMOS/
TTL, CMOS/CMOS, LSTTL/
TTL, CMOS/LSTTL
• Low Input Current Line
Receiver
• EIA RS232C Line Receiver
• Telephone Ring Detector
• ac Line Voltage Status
Indicator - Low Input
Power Dissipation
• Low Power Systems -
Ground Isolation
Schematic
Land Pattern Recommendation
IF
6
VCC
1
3
ICC
VF
ANODE
CATHODE
+
–
5
4
GND
VO
IO
MXXX
XXX
6
5
4
3
1
7.0 ± 0.2
(0.276 ± 0.008)
2.5 ± 0.1
(0.098 ± 0.004)
0.102 ± 0.102
(0.004 ± 0.004)
VCC
VOUT
GND
CATHODE
ANODE
4.4 ± 0.1
(0.173 ± 0.004)
1.27
(0.050)
BSC
0.15 ± 0.025
(0.006 ± 0.001)
0.71
(0.028)
MIN.
0.4 ± 0.05
(0.016 ± 0.002)
3.6 ± 0.1*
(0.142 ± 0.004)
DIMENSIONS IN MILLIMETERS (INCHES)
* MAXIMUM MOLD FLASH ON EACH SIDE IS 0.15 mm (0.006)
NOTE: FLOATING LEAD PROTRUSION IS 0.15 mm (6 mils) MAX.
7° MAX.
MAX. LEAD COPLANARITY
= 0.102 (0.004)
8.27
(0.325)
2.0
(0.080)
2.5
(0.10)
1.3
(0.05)
0.64
(0.025)
4.4
(0.17)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com