Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC7803
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 4 Page - Analog Devices

  LTC7803 Datasheet HTML 1Page - Analog Devices LTC7803 Datasheet HTML 2Page - Analog Devices LTC7803 Datasheet HTML 3Page - Analog Devices LTC7803 Datasheet HTML 4Page - Analog Devices LTC7803 Datasheet HTML 5Page - Analog Devices LTC7803 Datasheet HTML 6Page - Analog Devices LTC7803 Datasheet HTML 7Page - Analog Devices LTC7803 Datasheet HTML 8Page - Analog Devices LTC7803 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LTC7802
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V, RUN1,2 > 1.25V, EXTVCC = 0V, unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gate Drivers
TG or BG On-Resistance
Pull-Up
Pull-Down
2.0
1.0
Ω
Ω
TG or BG Transition Time
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
15
ns
ns
TG Off to BG On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver
15
ns
BG Off to TG On Delay
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver
15
ns
tON(MIN)1,2
TG Minimum On-Time
(Note 7)
40
ns
Maximum Duty Factor for TG
fOSC = 350kHz
98
99
%
INTVCC Low Dropout (LDO) Linear Regulator
INTVCC Regulation Point
4.9
5.1
5.3
V
INTVCC Load Regulation
ICC = 0mA to 100mA, VIN ≥ 6V
ICC = 0mA to 100mA, VEXTVCC ≥ 6V
1.2
1.2
2
2
%
%
EXTVCC LDO Switchover Voltage
EXTVCC Rising
4.5
4.7
4.8
V
EXTVCC Switchover Hysteresis
250
mV
UVLO
Undervoltage Lockout
INTVCC Rising
INTVCC Falling
l
l
4.10
3.75
4.20
3.85
4.35
4.00
V
V
Spread Spectrum Oscillator and Phase-Locked Loop
fOSC
Low Fixed Frequency
VFREQ = 0V, PLLIN/SPREAD = 0V
320
350
380
kHz
High Fixed Frequency
VFREQ = INTVCC, PLLIN/SPREAD = 0V
l
2.0
2.25
2.5
MHz
Programmable Frequency
RFREQ = 374kΩ, PLLIN/SPREAD = 0V
RFREQ = 75kΩ, PLLIN/SPREAD = 0V
RFREQ = 12.1kΩ, PLLIN/SPREAD = 0V
450
100
500
3
550
kHz
kHz
MHz
Synchronizable Frequency Range
PLLIN/SPREAD = External Clock
l
0.1
3
MHz
PLLIN Input High Level
PLLIN Input Low Level
l
l
2.2
0.5
V
V
Spread Spectrum Frequency Range
(Relative to fOSC)
PLLIN/SPREAD = INTVCC
Minimum Frequency
Maximum Frequency
–12
15
%
%
PGOOD1 and PGOOD2 Outputs
PGOOD Voltage Low
IPGOOD1,2 = 2mA
0.2
0.4
V
PGOOD Leakage Current
VPGOOD1,2 = 5V
±1
µA
PGOOD Trip Level
VFB Relative to Set Regulation Point
VFB Rising
Hysteresis
7
10
2.5
13
%
%
VFB Falling
Hysteresis
–13
–10
2.5
–7
%
%
PGOOD Delay for Reporting a Fault
25
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com