Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC7803
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 1 Page - Analog Devices

  LTC7803 Datasheet HTML 1Page - Analog Devices LTC7803 Datasheet HTML 2Page - Analog Devices LTC7803 Datasheet HTML 3Page - Analog Devices LTC7803 Datasheet HTML 4Page - Analog Devices LTC7803 Datasheet HTML 5Page - Analog Devices LTC7803 Datasheet HTML 6Page - Analog Devices LTC7803 Datasheet HTML 7Page - Analog Devices LTC7803 Datasheet HTML 8Page - Analog Devices LTC7803 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LTC7802
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
40V Low IQ, 3MHz Dual, 2-Phase Synchronous
Step-Down Controller with Spread Spectrum
The LTC®7802 is a high performance dual step-down
synchronous DC/DC switching regulator controller that
drives all N-channel power MOSFET stages. Constant fre-
quency current mode architecture allows a phase-lockable
switching frequency of up to 3MHz. The LTC7802 oper-
ates from a wide 4.5V to 40V input supply range. Power
loss and supply noise are minimized by operating the two
controller output stages out-of-phase.
The very low no-load quiescent current extends oper-
ating runtime in battery powered systems. OPTI-LOOP
compensation allows the transient response to be opti-
mized over a wide range of output capacitance and ESR
values. The LTC7802 features a precision 0.8V reference
and power good output indicators. The MODE pin selects
among Burst Mode operation, pulse-skipping mode, or
continuous inductor current mode at light loads.
The LTC7802 additionally features spread spectrum oper-
ation which significantly reduces the peak radiated and
conducted noise on both the input and output supplies,
making it easier to comply with electromagnetic interfer-
ence (EMI) standards.
APPLICATIONS
n
Wide Input Voltage Range: 4.5V to 40V
n
Wide Output Voltage Range: 0.8V to 99% • VIN
n
Low Operating IQ: 14μA (14V to 3.3V, Channel 1 On)
n
Spread Spectrum Operation
n
RSENSE or DCR Current Sensing
n
Out-of-Phase Controllers Reduce Required Input
Capacitance and Power Supply Induced Noise
n
Programmable Fixed Frequency (100kHz to 3MHz)
n
Phase-Lockable Frequency (100kHz to 3MHz)
n
Selectable Continuous, Pulse-Skipping, or Low
Ripple, Burst Mode® Operation at Light Loads
n
Very Low Dropout Operation: 99% Duty Cycle
n
Power Good Output Voltage Monitors
n
Output Overvoltage Protection
n
Internal LDO Powers Gate Drive from VIN or EXTVCC
n
Low Shutdown IQ: 1.5μA
n
Small 28-Lead 4mm × 5mm QFN Package
n
Automotive and Transportation
n
Industrial
n
Military/Avionics
All registered trademarks and trademarks are the property of their respective owners.
VOUT2
VOUT1
VIN
0.1µF
0.9µH
2m
4.7µF
210k
68.1k
330µF
0.1µF
0.1µF
1.8µH
3m
0.1µF
357k
68.1k
220µF
LTC7802
SW1
BG1
TG1
BOOST1
SENSE1+
SENSE1–
RUN1 VIN RUN2 INTVCC
INTVCC
EXTVCC
VFB1
ITH1
TRACK/SS1
GND
SW2
BG2
TG2
BOOST2
SENSE2+
SENSE2–
VFB2
ITH2
TRACK/SS2
MODE
PLLIN/SPREAD
3.3V/12A
5V/10A
4.5V TO 40V
FREQ
7802 TA01a


Similar Part No. - LTC7803

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC7803 AD-LTC7803 Datasheet
1Mb / 36P
40V Low IQ, 3MHz Synchronous Step-Down Controller with Spread Spectrum
LTC7803 AD-LTC7803 Datasheet
1Mb / 34P
40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
LTC7803 AD-LTC7803 Datasheet
2Mb / 44P
40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
LTC7803 AD-LTC7803 Datasheet
2Mb / 42P
40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
LTC7803 AD-LTC7803 Datasheet
1Mb / 36P
40V Low IQ, Triple Output, 3-Phase Synchronous Step-Down Controller
More results

Similar Description - LTC7803

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827 LINER-LTC3827 Datasheet
446Kb / 36P
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858_15 Datasheet
429Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
logo
Analog Devices
LTC7803 AD-LTC7803 Datasheet
1Mb / 36P
40V Low IQ, 3MHz Synchronous Step-Down Controller with Spread Spectrum
LTC7802-3.3 AD-LTC7802-3.3 Datasheet
1Mb / 34P
40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com