Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC7803
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 2Page - Analog Devices LTC7803 Datasheet HTML 3Page - Analog Devices LTC7803 Datasheet HTML 4Page - Analog Devices LTC7803 Datasheet HTML 5Page - Analog Devices LTC7803 Datasheet HTML 6Page - Analog Devices LTC7803 Datasheet HTML 7Page - Analog Devices LTC7803 Datasheet HTML 8Page - Analog Devices LTC7803 Datasheet HTML 9Page - Analog Devices LTC7803 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LTC7802
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency and Power Loss
vs Load Current
Efficiency vs Load Current
Efficiency vs Input Voltage
Load Step Burst Mode Operation
Load Step Pulse-Skipping Mode
Load Step Forced
Continuous Mode
Inductor Current at Light Load
Soft Start-Up
Regulated Feedback Voltage
vs Temperature
VIN = 12V
VOUT = 5V
BURST EFFICIENCY
PULSE–SKIPPING
EFFICIENCY
FIGURE 9 CIRCUIT
FCM EFFICIENCY
BURST
LOSS
PULSE–SKIPPING
LOSS
FCM LOSS
OUTPUT CURRENT (A)
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
100
vs Output Current
7802 G01
FIGURE 9 CIRCUIT
Burst Mode OPERATION
VOUT = 5V
VIN = 8V
VIN = 16V
VIN = 24V
OUTPUT CURRENT (A)
0.0001
0.001
0.01
0.1
1
10
50
55
60
65
70
75
80
85
90
95
100
vs Output Current
7802 G02
FIGURE 9 CIRCUIT
ILOAD1,2 = 8A
VOUT1 = 3.3V
VOUT2 = 5V
INPUT VOLTAGE (V)
0
5
10
15
20
25
30
35
40
86
88
90
92
94
96
98
100
7802 G03
VIN = 12V
VOUT = 5V
300mA TO 6A LOAD STEP
FIGURE 9 CIRCUIT
50µs/DIV
7802 G04
VOUT
200mV/DIV
INDUCTOR
CURRENT
5A/DIV
LOAD
CURRENT
5A/DIV
VIN = 12V
VOUT = 5V
300mA TO 6A LOAD STEP
FIGURE 9 CIRCUIT
50µs/DIV
7802 G05
VOUT
200mV/DIV
INDUCTOR
CURRENT
5A/DIV
LOAD
CURRENT
5A/DIV
VIN = 12V
VOUT = 5V
300mA TO 6A LOAD STEP
FIGURE 9 CIRCUIT
50µs/DIV
VOUT
200mV/DIV
INDUCTOR
CURRENT
5A/DIV
LOAD
CURRENT
5A/DIV
7802 G06
VIN = 10V
VOUT = 5V
NO LOAD
FIGURE 9 CIRCUIT
4µs/DIV
FORCED
CONTINUOUS
MODE
Burst Mode
OPERATION
2A/DIV
PULSE
SKIPPING
MODE
7802 G07
RUN1,2
5V/DIV
VOUT1
1V/DIV
VOUT2
1V/DIV
FIGURE 9 CIRCUIT
1ms/DIV
7802 G08
VIN = 10V
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
792
794
796
798
800
802
804
806
808
vs Temperature
7802 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com