Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 34 Page - Analog Devices

Part # LTC7803
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 26Page - Analog Devices LTC7803 Datasheet HTML 27Page - Analog Devices LTC7803 Datasheet HTML 28Page - Analog Devices LTC7803 Datasheet HTML 29Page - Analog Devices LTC7803 Datasheet HTML 30Page - Analog Devices LTC7803 Datasheet HTML 31Page - Analog Devices LTC7803 Datasheet HTML 32Page - Analog Devices LTC7803 Datasheet HTML 33Page - Analog Devices LTC7803 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
LTC7802-3.3
34
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2020
09/20
www.analog.com
TYPICAL APPLICATION
Figure 10. 2.25MHz 2-Phase Single Output 3.3V, 24A Step-Down Regulator
D1
MTOP1
3m
MBOT1
0.1µF
1nF
1nF
L1, 0.16µH
780233 F10a
LTC7802-3.3
RUN1
RUN2
VFB2
MODE
FREQ
INTVCC
INTVCC
VIN
VIN
4.5V TO 38V
12V NOMINAL
VOUT
3.3V, 24A
SENSE1–
BOOST2
VOUT1
TG2
SW2
BG2
ITH1
TRACK/SS1
ITH2
TRACK/SS2
EXTVCC
PLLIN/SPREAD
SENSE1+
SW1
BG1
TG1
BOOST1
fSW = 2.25MHz
MTOP1,2: INFINEON BSC059N04LS6
MBOT1,2: INFINEON BSC022N04LS6
L1,2: COILCRAFT XAL5030-161ME
D1,2: INFINEON BAS140WE6327HTSA1
COUT: KEMET T520D477M004ATE012
GND
0.1µF
47pF
470pF
15k
3m
SENSE2+
SENSE2–
100µF
10µF
+
INTVCC
VIN
D2
MTOP2
MBOT2
0.1µF
L2, 0.16µH
INTVCC
VIN
COUT
470µF
4V
4.7µF
×6
+
4.7µF
150Ω
150Ω
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC7802
40V Dual Low IQ, 3MHz 2-Phase Synchronous Step-Down
Controller with Spread Spectrum
4.5V ≤ VIN ≤ 40V, VOUT Up to 40V, IQ = 12µA
Fixed Frequency 100kHz to 3MHz, 4mm X 5mm QFN-28
LTC7803
40V Low IQ, 100% Duty Cycle,
Synchronous Step-Down Controller with Spread Spectrum
4.5V ≤ VIN ≤ 40V, VOUT Up to 40V, IQ = 12µA
Fixed Frequency 100kHz to 3MHz, 3mm X 3mm QFN-16/
MSOP-16
LTC3807
38V Low IQ, Synchronous Step-Down Controller
with 24V Output Voltage Capability
4V ≤ VIN ≤ 38V, 0.8V ≤ VOUT ≤ 24V, IQ = 50µA
PLL Fixed Frequency 50kHz to 900kHz, 3mm x 4mm QFN-20/
TSSOP-20
LTC3890/LTC3890-1
60V, Low IQ, Dual 2-Phase Synchronous
4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 24V, IQ = 50µA
PLL Fixed Frequency 50kHz to 900kHz
LTC3890-2/LTC3890-3 Step-Down DC/DC Controller with 99% Duty Cycle
PLL Fixed Frequency 50kHz to 900kHz
LTC3892
60V Low IQ, Dual, 2-Phase Synchronous
Step-Down DC/DC Controller with Adjustable Gate drive Voltage
4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 24V, IQ = 29µA
PLL Fixed Frequency 50kHz to 900kHz,
LTC3850
Dual, 2-Phase Synchronous Step-Down DC/DC Controller
4V≤ VIN ≤ 24V, VOUT up to 5.5V
PLL Fixed Frequency 250kHz to 750kHz
LTC3855
Dual, Multiphase, Synchronous Step-Down DC/DC Controller
with Diff Amp and DCR Temperature Compensation
4.5V≤ VIN ≤ 38V, 0.8V ≤ VOUT ≤ 12V
PLL Fixed Frequency 250kHz to 770kHz,
Excellent current Share
LTC3869/LTC3869-2
Dual Output, 2-Phase Synchronous Step-Down DC/DC
Controller, with Accurate Current Share
4V ≤ VIN ≤ 38V, VOUT up to 12.5V
PLL Fixed 250kHz to 750kHz Frequency,
LTC3875
Dual, 2-Phase, Synchronous Controller with
Sub-Milliohm DCR Sensing and Temperature Compensation
4.75V ≤ VIN ≤ 38V; 0.6V ≤ VOUT ≤ 3.5V/5V
Excellent current Share
LTC3774
Dual, Mulitphase Curent Mode Synchronous Step-Down
DC/DC Controller for Sub-Milliohm DCR Sensing
Operates with DrMOS, Power Blocks or External
Drivers/MOSFETs, 4.5V≤ VIN ≤ 38V, 0.6V ≤ VOUT ≤ 3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com