Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC7803
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 16Page - Analog Devices LTC7803 Datasheet HTML 17Page - Analog Devices LTC7803 Datasheet HTML 18Page - Analog Devices LTC7803 Datasheet HTML 19Page - Analog Devices LTC7803 Datasheet HTML 20Page - Analog Devices LTC7803 Datasheet HTML 21Page - Analog Devices LTC7803 Datasheet HTML 22Page - Analog Devices LTC7803 Datasheet HTML 23Page - Analog Devices LTC7803 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LTC7802-3.3
20
Rev. 0
For more information www.analog.com
then multiplied by the ratio of the application applied VDS
to the gate charge curve specified VDS. When the IC is
operating in continuous mode the duty cycles for the top
and bottom MOSFETs are given by:
MAIN SWITCH DUTY CYCLE =
VOUT
VIN
SYNCHRONOUS SWITCH DUTY CYCLE =
– VOUT
VIN
VIN
The MOSFET power dissipations at maximum output cur-
rent are given by:
PMAIN =
VOUT
VIN
IMAX
(
)
2
1+ δ
(
)RDS(ON) +
(VIN)
2 IMAX
2
⎛
⎝
⎜
⎞
⎠
⎟(RDR)(CMILLER) •
1
VINTVCC − VTHMIN
+
1
VTHMIN
⎡
⎣
⎢
⎤
⎦
⎥(f)
PSYNC =
VIN − VOUT
VIN
IMAX
(
)
2
1+ δ
(
)RDS(ON)
where
δ is the temperature dependency of RDS(ON) (δ ≈
0.005/°C) and RDR is the effective driver resistance at the
MOSFET’s Miller threshold voltage (RDR ≈ 2Ω). VTHMIN is
the typical MOSFET minimum threshold voltage.
Both MOSFETs have I2R losses while the main N-channel
equations include an additional term for transition losses,
which are highest at high input voltages. For VIN < 20V
the high current efficiency generally improves with larger
MOSFETs, while for VIN > 20V the transition losses rap-
idly increase to the point that the use of a higher RDS(ON)
device with lower CMILLER actually provides higher effi-
ciency. The synchronous MOSFET losses are greatest at
high input voltage when the top switch duty factor is low
or during a short-circuit when the synchronous switch is
on close to 100% of the period.
CIN and COUT Selection
The selection of CIN is simplified by the 2-phase archi-
tecture and its impact on the worst-case RMS current
drawn through the input network (battery/fuse/capacitor).
It can be shown that the worst-case capacitor RMS cur-
rent occurs when only one controller is operating. The
controller with the highest VOUT • IOUT product needs to
be used in the equation below to determine the maximum
RMS capacitor current requirement.
Increasing the output current drawn from the other con-
troller will actually decrease the input RMS ripple current
from its maximum value. The out-of-phase technique typi-
cally reduces the input capacitor’s RMS ripple current by
a factor of 30% to 70% when compared to a single-phase
power supply solution.
In continuous mode, the source current of the top
MOSFET is a square wave of duty cycle VOUT/VIN. To pre-
vent large voltage transients, a low ESR capacitor sized
for the maximum RMS current of one channel must be
used. At maximum load current IMAX, the maximum RMS
capacitor current is given by:
CIN Required IRMS �
IMAX
VIN
VOUT
(
) VIN � VOUT
(
)
��
��
1/2
This formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT/2. This simple worst-case condition is commonly
used for design because even significant deviations do
not offer much relief. Note that capacitor manufacturers’
ripple current ratings are often based on only 2000 hours
of life. This makes it advisable to further derate the capaci-
tor, or to choose a capacitor rated at a higher temperature
than required. Several capacitors may be paralleled to
meet size or height requirements in the design. Due to
the high operating frequency of the LTC7802-3.3, ceramic
capacitors can also be used for CIN. Always consult the
manufacturer if there is any question.
The benefit of the LTC7802-3.3 2-phase operation can
be calculated by using this equation for the higher power
controller and then calculating the loss that would have
resulted if both controller channels switched on at the
same time. The total RMS power lost is lower when both
controllers are operating due to the reduced overlap of
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com