Electronic Components Datasheet Search
  English  ▼

X  

LTM8074 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM8074
Description  Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8074 Datasheet(HTML) 4 Page - Analog Devices

  LTM8074 Datasheet HTML 1Page - Analog Devices LTM8074 Datasheet HTML 2Page - Analog Devices LTM8074 Datasheet HTML 3Page - Analog Devices LTM8074 Datasheet HTML 4Page - Analog Devices LTM8074 Datasheet HTML 5Page - Analog Devices LTM8074 Datasheet HTML 6Page - Analog Devices LTM8074 Datasheet HTML 7Page - Analog Devices LTM8074 Datasheet HTML 8Page - Analog Devices LTM8074 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTM8051
4
Rev. 0
For more information www.analog.com
TA = 25°C, operating per Table 1,unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency, VOUT = 0.8V
BIAS = 5V
Efficiency, VOUT = 1.0V
BIAS = 5V, Burst Mode
Efficiency, VOUT = 1.2V
BIAS = 5V, Burst Mode
Efficiency, VOUT = 1.5V
BIAS = 5V, Burst Mode
Efficiency, VOUT = 1.8V
BIAS = 5V, Burst Mode
Efficiency, VOUT = 2.0V
BIAS = 5V, Burst Mode
Efficiency, VOUT = 2.5V
BIAS = 5V, Burst Mode
Efficiency, VOUT = 3.3V
BIAS = 5V, Burst Mode
Efficiency, VOUT = 3.3V, 2MHz
BIAS = 5V, Burst Mode
EFFICIENCY
POWER LOSS
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
45
55
65
75
85
0
1.0
2.0
3.0
4.0
BIAS = 5V, Burst Mode
Efficiency, VOUT = 0.8V
8051 G01
EFFICIENCY
POWER LOSS
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
45
55
65
75
85
0
1.0
2.0
3.0
4.0
BIAS = 5V, Burst Mode
Efficiency, VOUT = 1V
8051 G02
EFFICIENCY
POWER LOSS
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
50
60
70
80
90
0
1.0
2.0
3.0
4.0
BIAS = 5V, Burst Mode
Efficiency, VOUT = 1.2V
8051 G03
EFFICIENCY
POWER LOSS
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
50
55
60
65
70
75
80
85
90
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
BIAS = 5V, Burst Mode
Efficiency, VOUT = 1.5V
8051 G04
EFFICIENCY
POWER LOSS
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
50
60
70
80
90
0
1.0
2.0
3.0
4.0
BIAS = 5V, Burst Mode
Efficiency, VOUT = 1.8V
8051 G05
EFFICIENCY
POWER LOSS
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
50
60
70
80
90
0
1.0
2.0
3.0
4.0
BIAS = 5V, Burst Mode
Efficiency, VOUT = 2V
8051 G06
EFFICIENCY
POWER LOSS
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
55
65
75
85
95
0
1.0
2.0
3.0
4.0
BIAS = 5V, Burst Mode
Efficiency, VOUT = 2.5V
8051 G07
EFFICIENCY
POWER LOSS
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
55
65
75
85
95
0
1.0
2.0
3.0
4.0
BIAS = 5V, Burst Mode
Efficiency, VOUT = 3.3V
8051 G08
EFFICIENCY
POWER LOSS
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
55
65
75
85
95
0
1.0
2.0
3.0
4.0
BIAS = 5V, Burst Mode
Efficiency, VOUT = 3.3V, 2MHz
8051 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com