Electronic Components Datasheet Search
  English  ▼

X  

LTM8074 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM8074
Description  Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8074 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM8074 Datasheet HTML 9Page - Analog Devices LTM8074 Datasheet HTML 10Page - Analog Devices LTM8074 Datasheet HTML 11Page - Analog Devices LTM8074 Datasheet HTML 12Page - Analog Devices LTM8074 Datasheet HTML 13Page - Analog Devices LTM8074 Datasheet HTML 14Page - Analog Devices LTM8074 Datasheet HTML 15Page - Analog Devices LTM8074 Datasheet HTML 16Page - Analog Devices LTM8074 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTM8051
13
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
TRSS1/2/3/4 (Pin J2/C2/C1/K2): Output Tracking and
Soft-Start Pin. This pin allows user control of output volt-
age ramp rate during startup. A TRSS
n voltage below
0.8V forces the LTM8051 to regulate the FB
n pin to equal
the TRSS
n pin voltage. When TRSSn is above 0.8V, the
tracking function is disabled and the internal reference
resumes control of the error amplifier. An internal 2μA
pull-up current on this pin allows a capacitor to program
output voltage slew rate. This pin is pulled to ground dur-
ing shutdown and fault conditions; use a series resistor if
driving from a low impedance output. This pin may be left
floating if the soft-start feature is not being used.
SYNC14/23 (Pin F6/E6): External clock synchronization
input. Ground this pin for low ripple Burst Mode opera-
tion at low output loads; this will also disable the CLKOUT
function. Apply a DC voltage between 2.8V and 4.2V for
forced continuous mode operation with spread spectrum
modulation. Float the SYNC
n pin for forced continuous
mode operation without spread spectrum modulation.
Apply a clock source to the SYNC
n pin for synchronization
to an external frequency. The LTM8051 will be in forced
continuous mode when an external frequency is applied.
BLOCK DIAGRAM
8051 BD
VIN1
RUN14
TRSS1
VIN4
TRSS4
VIN23
RUN23
TRSS2
TRSS3
10nF
0.1F
10nF
CURRENT MODE
CONTROLLER
CURRENT MODE
CONTROLLER
CURRENT MODE
CONTROLLER
CURRENT MODE
CONTROLLER
2.2H
2.2H
2.2H
2.2H
249k
249k
249k
249k
10pF
10pF
10pF
10pF
VOUT1
FB1
VOUT4
FB4
HOUSEKEEPING
CIRCUITRY
HOUSEKEEPING
CIRCUITRY
FB2
VOUT2
VOUT3
FB3
3.3nF
3.3nF
3.3nF
3.3nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com