Electronic Components Datasheet Search
  English  ▼

X  

LTM8074 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM8074
Description  Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8074 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM8074 Datasheet HTML 20Page - Analog Devices LTM8074 Datasheet HTML 21Page - Analog Devices LTM8074 Datasheet HTML 22Page - Analog Devices LTM8074 Datasheet HTML 23Page - Analog Devices LTM8074 Datasheet HTML 24Page - Analog Devices LTM8074 Datasheet HTML 25Page - Analog Devices LTM8074 Datasheet HTML 26Page - Analog Devices LTM8074 Datasheet HTML 27Page - Analog Devices LTM8074 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTM8051
24
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 6. 5V to 40V Input to Paralleled 3.3V at 5A, frequency is synchronized.
1µF
24.9k
100µF
100µF
19.6k
24.9k
100µF
100µF
VIN1
RUN14
RT14
SYNC23
VIN4
fSW = 1.2MHz
VOUT1
VIN
FB1
BIAS14
VOUT4
5V to 40V
VIN23
RUN23
RT23
fSW = 1.2MHz
x4
VOUT2
FB2
BIAS23
VOUT3
FB4
FB3
PINS NOT USED: TRSS1, TRSS2, TRSS3, TRSS4, PG1, PG2, PG3, PG4, SYNC14, CLKOUT23, VCC14, VCC23
VOUT
3.3V
5A
SHARE14
SHARE23
CLKOUT14
8051 F06
Figure 7. 7V to 40V Input to Cascaded 1.8V at 1.5A and Paralleled 3.3V at 2.5A
1µF
23.2k
100µF
47.5k
47µF
39.2k
24.9k
200k
100µF
100µF
VIN4
RUN14
RT14
SYNC14
VIN1
fSW = 1.3MHz
VOUT4
VIN
FB4
BIAS14
GND
VOUT1
7V to 40V
VIN23
RUN23
RT23
SYNC23
fSW = 1.2MHz
x4
VOUT1
5V
VOUT2
FB2
BIAS23
GND
VOUT3
FB1
FB3
PINS NOT USED: TRSS1, TRSS2, TRSS3, TRSS4, PG1, PG2, PG3, PG4, CLKOUT14, CLKOUT23
VOUT4
1.8V
1.5A
VOUT23
3.3V
2.5A
SHARE14
VCC14
SHARE23
VCC23
8051 F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com