Electronic Components Datasheet Search
  English  ▼

X  

PD7M441L Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PD7M441L
Description  MOSFET MODULE Dual 50A 450V/550V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD7M441L Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PD7M441L Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD7M441L Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD7M441L Datasheet HTML 3Page - Nihon Inter Electronics Corporation PD7M441L Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PD7M440L/441L, P2HM7M440L/441L
1
2
5
10
20
50
100
200
0.1
0.3
1
3
0.05
5
Series Gate Impedance RG (Ω)
Fig.6- Series Gate Impedance vs. Switching Time (Typical)
VDD=250V
ID=25A
TC=25℃
80μs Pulse Test
ton
toff
0246
8
10
12
0
10
20
30
40
50
60
70
80
Drain to Source Voltage VDS (V)
Fig.1- Output Characteristics (Typical)
TC=25℃
VGS=10V
250μs PULSE TEST
6V
5V
4V
02468
10
12
14
16
0
2
4
6
8
Gate to Source Voltage VGS (V)
Fig.2- Drain to Source On Voltage
vs. Gate to Source Voltage (Typical)
TC=25℃
ID=25A
ID=50A
250μs PULSE TEST
ID=15A
1
3
10
30
100
0
3
6
9
12
15
18
Drain to Source Voltage VDS (V)
Fig.4- Capacitance vs. Drain to Source Voltage (Typical)
Ciss
Coss
VGS=0V
f=1MHZ
TC=25℃
Crss
0
50
100
150
200
250
300
350
400
450
0
2
4
6
8
10
12
14
16
Total Gate Charge Qg (nC)
Fig.5- Gate Charge vs. Gate to Source Voltage (Typical)
VDD=400V
ID=35A
VDD=250V
VDD=100V
-40
0
40
80
120
160
0
2
4
6
8
10
12
14
16
Junction Temperature Tj (℃)
Fig.3- Drain to Source On Voltage
vs. Junction Temperature (Typical)
VGS=10V
ID=15A
ID=50A
250μs PULSE TEST
ID=25A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com