Electronic Components Datasheet Search
  English  ▼

X  

PD7M441L Datasheet(PDF) 4 Page - Nihon Inter Electronics Corporation

Part # PD7M441L
Description  MOSFET MODULE Dual 50A 450V/550V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD7M441L Datasheet(HTML) 4 Page - Nihon Inter Electronics Corporation

  PD7M441L Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD7M441L Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD7M441L Datasheet HTML 3Page - Nihon Inter Electronics Corporation PD7M441L Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PD7M440L/441L, P2H7M440L/441L
.
2
5
10
20
50
100
10
30
100
300
1000
Drain Current ID (A)
Fig.7- Drain Current vs. Switching Time (Typical)
td(off)
tf
tr
td(on)
VDD=250V
RG=7Ω
TC=25℃
80μs Pulse Test
0
100
200
300
400
500
600
30
100
300
1000
3000
-dis/dt (A/μs)
Fig.9- Reverse Recovery Characteristics (Typical)
IRrM
trr
…IS=25A
―
IS=50A
TJ=150℃
1
3
10
30
100
300
1000
0.2
0.5
1
2
5
10
20
50
100
200
Drain to Source Voltage V DS (V)
Fig.10- Maximum Safe Operating Area
TC=25℃
Tj=150℃MAX
Single Pulse
10μs
100μs
Operation in this area
is limited by R
DS(on)
1ms
DC
10ms
440L
441L
10-5
10-4
10-3
10-2
10-1
1101
1x10-2
3x10-2
1x10-1
3x10-1
1
3
1x101
PULSE DURATION t (s)
Fig.11- Normalized Transient Thermal Impedance (MOSFET)
Per Unit Base
R
th(j-c)= 0.36℃/W
1 Shot Pulse
0
0.4
0.8
1.2
0
20
40
60
80
100
Source to Drain Voltage VSD (V)
Fig.8- Source to Drain Diode
Forward Characteristics (Typical)
T
J=125℃
T
J=25 ℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com