Electronic Components Datasheet Search
  English  ▼

X  

RWST Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RWST
Description  Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RWST Datasheet(HTML) 1 Page - Vishay Siliconix

  RWST Datasheet HTML 1Page - Vishay Siliconix RWST Datasheet HTML 2Page - Vishay Siliconix RWST Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
61
RWST
Vishay Sfernice
Document Number: 50017
Revision 13-Jan-04
For technical questions, contact sfer@vishay.com
“CS” Type 1 Collars
The RWST vitreous wirewound high power resistors are known for their excellent reliability which has developed out of the
VISHAY SFERNICE experience over several decades in the field of high current applications.
Extremely severe conditions of use are encountered in electrical traction including repeated overloads. To withstand
such conditions the new RWST model is extremely rugged and is manufactured to a very carefully monitored process
using the best materials
STAINLESS STEEL 304 L COLLARS“CS”type
STAINLESS STEEL 304 L COLLARS“CS”type
A
ØB
26
D
E
F
ØC
G
H
15
J
A
23
3
ØB
58
D
E
F
G
H
15
J
Fixed Wirewound High Power Vitreous Resistors
Electrical Traction Model
FEATURES
•
95 Watt to 800 Watt at 25°C
•
NF C 93-214
•
RB 25 x 168, RB 30 x 250
•
Rugged construction for use in severe environmental
conditions
DIMENSIONS
in millimeters
RWST STYLE
Connections
25
x 138
CS
Type 1/B/AN
138
28
12
50 ± 1.5
27 ± 1
24
199
169
6.5
225
25
x 168
CS
Type 1/B/AN
168
28
12
50 ± 1
27 ± 1
24
229
199
6.5
250
30 x 250
CS
Type 1/B/AN
250
33
17
60 ± 1.5
30 ± 1
25
317
287
9
445
40 x 370
CS
Type 2/B/AN
370
45
22
69 max.
45 ± 1.5
30
432
405
9
1400
5
0 x 373
CS
Type 2/B/AN
373
53
27.1
80 max.
51 ± 1.5
30
432
405
9
2200
A ± 2
Ø B max.
Ø C min.
D
E
F ± 0.5
– 4
G
– 0
– 4
H – 0
J ± 0.5
Average unit
weight in g
(CS collars)
DIMENSIONS
in millimeters


Similar Part No. - RWST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWST25138A4700JBO1 VISHAY-RWST25138A4700JBO1 Datasheet
147Kb / 5P
Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
12-May-09
RWST25138A48R8JBO1 VISHAY-RWST25138A48R8JBO1 Datasheet
147Kb / 5P
Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
12-May-09
RWST25138AR010JBO1 VISHAY-RWST25138AR010JBO1 Datasheet
147Kb / 5P
Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
12-May-09
RWST25138AR470JBO1 VISHAY-RWST25138AR470JBO1 Datasheet
147Kb / 5P
Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
12-May-09
RWST25138B4700JBO1 VISHAY-RWST25138B4700JBO1 Datasheet
147Kb / 5P
Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
12-May-09
More results

Similar Description - RWST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
V757 WELWYN-V757 Datasheet
141Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
Riedon Powertron
VT-3 RIEDON-VT-3 Datasheet
281Kb / 2P
Vitreous Enamel Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
Vitreous Enamelled Wirewound Resistors
logo
Riedon Powertron
TVC-5 RIEDON-TVC-5 Datasheet
161Kb / 2P
Vitreous Tubular Power Wirewound Resistors
logo
Vishay Siliconix
MC14659 VISHAY-MC14659 Datasheet
147Kb / 5P
Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
12-May-09
FVE VISHAY-FVE Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
03-Jun-16
VNC VISHAY-VNC Datasheet
97Kb / 5P
Vitreous Wirewound Power Resistors
08-Aug-16
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
Vitreous Enamelled Wirewound Resistors
2011/65/EU
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com