Electronic Components Datasheet Search
  English  ▼

X  

RWST Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RWST
Description  Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RWST Datasheet(HTML) 2 Page - Vishay Siliconix

  RWST Datasheet HTML 1Page - Vishay Siliconix RWST Datasheet HTML 2Page - Vishay Siliconix RWST Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 50017
Revision 13-Jan-04
www.vishay.com
62
RWST
Vishay Sfernice
For technical questions, contact sfer@vishay.com
NON INDUCTIVE WINDING
For high frequencies, low self induction resistors are available with special windings.
RWSTNI designation.
MODEL AND
STYLE
Ohmic range
(E12 series)
22Ω
2.5kΩ
RWSTNI
25 x 138
22Ω
4kΩ
RWSTNI
25 x 168
120Ω
6.8kΩ
RWSTNI
30 x 250
120Ω
8.2kΩ
RWSTNI
40 x 370
150Ω
8.2kΩ
RWSTNI
50 x 373
TESTS
CONDI
TIONSREQUIREMENTS
TYPICAL VALUES AND DRIFTS
Short Time Overload
10Pr during 5s
Voltage limited at < 5000V
2% or 0.05Ω
2% or 0.05Ω
Insulation resistance 100MΩ
3% or 0.05Ω
Insulation resistance 100MΩ
2% or 0.05Ω
1% or 0.05Ω
1% or 0.05Ω
1% or 0.05Ω
5%
0.5%
0.5%
0.5%
0.5%
0.25%
0.25%
0.5%
1000h
1%
5000h
2%
– 55°C
+ 200°C
56 days
95% relative humidity
Load at 100% Pr followed by cold
temperature exposure at –55°C/15’
severity 50A
9 shocks/each side
severity 55B
90’/30’ cycle
1000h at Pr 25°C
Climatic
Sequence
Humidity
(
Steady State)
Thermal Shock
Shock
Vibration
Terminal Strength
Load Life
PERFORMANCE
Fixed Wirewound High Power Vitreous Resistors
Electrical Traction Model
MECHANICAL SPECIFICATIONS
Mechanical Protection
Vitreous enamel
Resistive Element
Ni-Cr wire
Connections
CS supporting collars
AN Collar or B
on Request
Average Unit
Weight
225 to 2200g
ENVIRONMENTAL SPECIFICATIONS
Temperature Limits
– 55°C + 450°C
Climatic Category
– 55°C/+ 200°C/56 days
Resistance Range
2.7Ω to 430kΩ
(E12-E24 preferred series values)
Resistance Tolerance
Standard
± 5%
Power
Rating
95W to 800W at 25°C
Temperature Coefficient
75ppm/°C (typical)
Shelf Life
0.1% year (typical)
ELECTRICAL SPECIFICATIONS
RWST STYLE
Designation NF C 93-214
Limiting Element Voltage
Critical
Resistance
25 x 138
–
95W
110W
2.7Ω
82kΩ
1400V
18kΩ
25 x 168
RB 25 x 168
160W
180W
2.7Ω
100kΩ
1900V
20kΩ
30 x 250
RB 30 x 250
280W
320W
4.7Ω
220kΩ
3000V
30kΩ
40 x 370
–
500W
600W
8.2Ω
360kΩ
4500V
36kΩ
50 x 373
–
700W
800W
12Ω
430kΩ
5000V
30kΩ
Power
Rating at 25°C
Maximum Power
Rating at 25°C
P max.
Ohmic
Range
(E12, E24 series)
SPECIAL FEATURES
AN
Traction 40Ncm
B
Torque 60Ncm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com