Electronic Components Datasheet Search
  English  ▼

X  

RWST Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RWST
Description  Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RWST Datasheet(HTML) 3 Page - Vishay Siliconix

  RWST Datasheet HTML 1Page - Vishay Siliconix RWST Datasheet HTML 2Page - Vishay Siliconix RWST Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.vishay.com
63
RWST
Vishay Sfernice
Document Number: 50017
Revision 13-Jan-04
For technical questions, contact sfer@vishay.com
POWER RATING CHART
AMBIENT TEMPERATURE IN DEGREES CELSIUS
100
75
50
25
0
0
65
130
195
260
325
390
455
TEMPERATURE RISE
MARKING
SFERNICE trademark, model, style, nominal resistance (in Ω ), tolerance (in %), manufacturing date.
RATED POWER IN WATTS
400
300
200
100
0
10
100
1000
30 x 250
MODEL
TOLERANCE
SPECIAL
DESIGN
NON-INDUCTIVE
BOBINAGE
NI
Optional
Optional
± 5%
RWST
STYLE
ORDERING INFORMATION
OHMIC VALUE
6.8kΩ
Custom items are subject
to extra-charge and min. order.
Please see price list.
Fixed Wirewound High Power Vitreous Resistors
Electrical Traction Model
CONNECTIONS
CS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com