Electronic Components Datasheet Search
  English  ▼

X  

HCMS-2913 Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # HCMS-2913
Description  High Performance CMOS 5횞7 Alphanumeric Displays
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCMS-2913 Datasheet(HTML) 5 Page - Broadcom Corporation.

  HCMS-2913 Datasheet HTML 1Page - Broadcom Corporation. HCMS-2913 Datasheet HTML 2Page - Broadcom Corporation. HCMS-2913 Datasheet HTML 3Page - Broadcom Corporation. HCMS-2913 Datasheet HTML 4Page - Broadcom Corporation. HCMS-2913 Datasheet HTML 5Page - Broadcom Corporation. HCMS-2913 Datasheet HTML 6Page - Broadcom Corporation. HCMS-2913 Datasheet HTML 7Page - Broadcom Corporation. HCMS-2913 Datasheet HTML 8Page - Broadcom Corporation. HCMS-2913 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Electrical Characteristics Over Operating Temperature Range (-40 °C to +85 °C)
TA = 25 °C
-40
°C < TA < 85 °C
VLOGIC = 5.0 V
3.0 V < VLOGIC < 5.5 V
Parameter
Symbol
Typ.
Max.
Min.
Max.
Units
Test Conditions
Input Leakage Current
II
µA
VIN = 0 V to VLOGIC
HCMS-290x/296x (4 char)
+7.5
-2.5
+50
HCMS-291x/297x (8 char)
+15
-5.0
+100
HCMS-292x (16 char)
+15
-5.0
+100
ILOGIC OPERATING
ILOGIC(OPT)
mA
VIN = VLOGIC
HCMS-290x/296x (4 char)
0.4
2.5
5
HCMS-291x/297x (8 char)
0.8
5
10
HCMS-292x (16 char)
0.8
5
10
ILOGIC SLEEP [1]
ILOGIC(SLP)
µA
VIN = VLOGIC
HCMS-290x/296x (4 char)
5
15
25
HCMS-291x/297x (8 char)
10
30
50
HCMS-292x (16 char)
10
30
50
ILED BLANK
ILED(BL)
mA
BL = 0 V
HMCS-290x/296x (4 char)
2.0
4
4.0
HCMS-291x/297x (8 char)
4.0
8
8
HCMS-292x (16 char)
4.0
8
8
ILED SLEEP [1]
ILED(SLP)
µA
HCMS-290x/296x (4 char)
1
3
50
HCMS 291x/297x (8 char)
2
6
100
HCMS-292x (16 char)
2
6
100
Peak Pixel Current [2]
IPIXEL
VLED = 5.5 V
HCMS-29x5 (Deep Red)
15.4
17.1
18.7
mA
All pixels ON,
HCMS-29xx (Other Colors)
14.0
15.9
17.1
mA
Average value per pixel
HIGH Level Input Voltage
Vih
2.0
V
4.5 V < VLOGIC < 5.5 V
0.8 VLOGIC
V
3.0 V < VLOGIC < 4.5 V
LOW Level Input Voltage
Vil
0.8
V
4.5 V < VLOGIC < 5.5 V
0.2 VLOGIC
V
3.0 V < VLOGIC < 4.5 V
HIGH Level Output Voltage
Voh
2.0
V
VLOGIC = 4.5 V,
Ioh = -40 µA
0.8 VLOGIC
V
3.0 V < VLOGIC < 4.5 V
LOW Level Output Voltage
Vol
0.4
V
VLOGIC = 5.5 V,
Iol = 1.6 mA [3]
0.2 VLOGIC
V
3.0 V < VLOGIC < 4.5 V
Thermal Resistance
R
qJ-P
70
°C/W
IC junction to pin
Notes:
1. In SLEEP mode, the internal oscillator and reference current for LED drivers are off.
2. Average peak pixel current is measured at the maximum drive current set by Control Register 0. Individual pixels may exceed this value.
3. For the Oscillator Output, Iol = 40 µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com