Electronic Components Datasheet Search
  English  ▼

X  

HCMS-2913 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # HCMS-2913
Description  High Performance CMOS 5횞7 Alphanumeric Displays
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCMS-2913 Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button HCMS-2913 Datasheet HTML 2Page - Broadcom Corporation. HCMS-2913 Datasheet HTML 3Page - Broadcom Corporation. HCMS-2913 Datasheet HTML 4Page - Broadcom Corporation. HCMS-2913 Datasheet HTML 5Page - Broadcom Corporation. HCMS-2913 Datasheet HTML 6Page - Broadcom Corporation. HCMS-2913 Datasheet HTML 7Page - Broadcom Corporation. HCMS-2913 Datasheet HTML 8Page - Broadcom Corporation. HCMS-2913 Datasheet HTML 9Page - Broadcom Corporation. HCMS-2913 Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Electrical Description
Pin Function
Description
RESET (RST)
Sets Control Register bits to logic low. The Dot Register contents are unaffected by the Reset pin.
(logic low = reset; logic high = normal operation).
DATA IN (DIN)
Serial Data input for Dot or Control Register data. Data is entered on the rising edge of the Clock
input.
DATA OUT (DOUT)
Serial Data output for Dot or Control Register data. This pin is used for cascading multiple dis-
plays.
CLOCK (CLK)
Clock input for writing Dot or Control Register data. When Chip Enable is logic low, data is en-
tered on the rising Clock edge.
REGISTER SELECT (RS)
Selects Dot Register (RS = logic low) or Control Register (RS = logic high) as the destination for
serial data entry. The logic level of RS is latched on the falling edge of the Chip Enable input.
CHIP ENABLE (CE)
This input must be a logic low to write data to the display. When CE returns to logic high and CLK
is logic low, data is latched to either the LED output drivers or a Control Register.
OSCILLATOR SELECT (SEL)
Selects either an internal or external display oscillator source. (logic low = External Display Oscil-
lator; logic high = Internal Display Oscillator).
OSCILLATOR (OSC)
Output for the Internal Display Oscillator (SEL = logic high) or input for an External Display Oscil-
lator (SEL = logic low).
BLANK (BL)
Blanks the display when logic high. May be modulated for brightness control.
GNDLED
Ground for LED drivers.
GNDLOGIC
Ground for logic.
VLED
Positive supply for LED drivers.
VLOGIC
Positive supply for logic.
Optical Characteristics at 25
°C[1]
VLED = 5.0 V, 50% Peak Current, 100% Pulse Width
Peak
Dominant
Luminous Intensity per LED [2]
Wavelength
Wavelength
Character Average (
µcd)
lPeak (nm)
ld[3] (nm)
Display Color
Part Number
Min.
Typ.
Typ.
Typ.
Deep Red
HCMS-29x5
95
770
645
637
High Efficiency Red
HCMS-29x2
64
270
635
626
Orange
HCMS-29x4
64
180
600
602
Yellow
HCMS-29x1
64
180
583
585
Green
HCMS-29x3
64
270
568
574
Notes:
1. Refers to the initial case temperature of the device immediately before measurement.
2. Measured with all LEDs illuminated.
3. Dominant wavelength,
ld, is derived from the CIE chromaticity diagram and represents the single wavelength, which defines the perceived
LED color.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com