Electronic Components Datasheet Search
  English  ▼

X  

ICS952301 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS952301
Description  Frequency Timing Generator for Transmeta Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952301 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS952301 Datasheet HTML 4Page - Integrated Circuit Systems ICS952301 Datasheet HTML 5Page - Integrated Circuit Systems ICS952301 Datasheet HTML 6Page - Integrated Circuit Systems ICS952301 Datasheet HTML 7Page - Integrated Circuit Systems ICS952301 Datasheet HTML 8Page - Integrated Circuit Systems ICS952301 Datasheet HTML 9Page - Integrated Circuit Systems ICS952301 Datasheet HTML 10Page - Integrated Circuit Systems ICS952301 Datasheet HTML 11Page - Integrated Circuit Systems ICS952301 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
ICS952301
Advance Information
0673—07/09/02
Electrical Characteristics - PCICLK Output Type: 5
PCICLK(6:0)
TA = 0 - 70C; VDD =3.3 V,+/-5%; CL =30 pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedence
Rdsp
VO =Vdd * 0.5
12
32
60
Ohm
Output High Voltage
VOH1
IOH = -18 mA
2.1
2.8
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.15
0.4
V
Output High Current
IOH1
VOH =2.0 V
-75
-22
mA
Output Low Current
IOL1
VOL =0.8 V
16
44
57
mA
Rise Time
1
tr1
VOL =0.4 V, VOH = 2.4 V
1.6
2
ns
Fall Time
1
tf1
VOH =2.4 V, VOL = 0.4 V
1.8
2
ns
Duty Cycle
1
dt1
VT =1.5 V
45
50
55
%
Skew
1
tsk1
VT = 1.5 V
16
500
ps
tjcyc-cyc
1
VT = 1.5 V
100
500
ps
tjabs1
VT =1.5 V
210
500
ps
Jitter
Electrical Characteristics - 48MHz & 48/24MHz Output Type:
1
TA = 0 - 70C; VDD =3.3 V , +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedence
Rdsp
VO = Vdd * 0.5
20
30
65
Ohm
Output High Voltage
VOH5
IOH =-12 mA
2.6
2.9
V
Output Low Voltage
VOL5
IOL =9mA
0.3
0.4
V
Output High Current
IOH5
VOH =2.0 V
-29
-22
mA
Output Low Current
IOL5
VOL =0.8 V
16
51
mA
Rise Time
1
tr5
VOL =0.4 V, VOH =2.4 V
0.7
1.2
ns
Fall Time
1
tf5
VOH =2.4 V, VOL =0.4 V
0.7
1.2
ns
Duty Cycle
1
dt5
VT = 1.5 V
455255
%
tjcyc-cyc5 VT = 1.5 V
164
500
ps
tjabs5
VT =1.5 V
221
800
ps
Jitter
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com