Electronic Components Datasheet Search
  English  ▼

X  

ICS952301 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS952301
Description  Frequency Timing Generator for Transmeta Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952301 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS952301 Datasheet HTML 4Page - Integrated Circuit Systems ICS952301 Datasheet HTML 5Page - Integrated Circuit Systems ICS952301 Datasheet HTML 6Page - Integrated Circuit Systems ICS952301 Datasheet HTML 7Page - Integrated Circuit Systems ICS952301 Datasheet HTML 8Page - Integrated Circuit Systems ICS952301 Datasheet HTML 9Page - Integrated Circuit Systems ICS952301 Datasheet HTML 10Page - Integrated Circuit Systems ICS952301 Datasheet HTML 11Page - Integrated Circuit Systems ICS952301 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
ICS952301
Advance Information
0673—07/09/02
4.40 mm. Body, 0.65 mm. pitch TSSOP
(173 mil)
(0.0256 Inch)
Ordering Information
ICS952301yGT
Designation for tape and reel packaging
Package Type
G=TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV = Standard Device
Example:
ICS 95XXXX y G - T
MIN
MAX
MIN
MAX
A
-
1.20
-
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.19
0.30
.007
.012
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
0.65 BASIC
0.0256 BASIC
L
0.45
0.75
.018
.030
N
α
0°
8°
0°
8°
aaa
-
0.10
-
.004
VARIATIONS
MIN
MAX
MIN
MAX
28
9.60
9.80
.378
.386
MO-153 JEDEC
Doc.# 10-0035
7/6/00 Rev C
SYMBOL
SEE VARIATIONS
SEE VARIATIONS
In Millimeters
COMMON DIMENSIONS
In Inches
COMMON DIMENSIONS
SEE VARIATIONS
6.40 BASIC
0.252 BASIC
N
D mm.
D(inch)
SEE VARIATIONS
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
α
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
c
L
aaa C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com