Electronic Components Datasheet Search
  English  ▼

X  

TPS746 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS746
Description  TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS746 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS746 Datasheet HTML 12Page - Texas Instruments TPS746 Datasheet HTML 13Page - Texas Instruments TPS746 Datasheet HTML 14Page - Texas Instruments TPS746 Datasheet HTML 15Page - Texas Instruments TPS746 Datasheet HTML 16Page - Texas Instruments TPS746 Datasheet HTML 17Page - Texas Instruments TPS746 Datasheet HTML 18Page - Texas Instruments TPS746 Datasheet HTML 19Page - Texas Instruments TPS746 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
7 Detailed Description
7.1 Overview
The TPS746-Q1 is a low-dropout regulator (LDO) that consumes low quiescent current and delivers excellent
line and load transient performance. These characteristics, combined with low noise and good PSRR with low
dropout voltage, make this device ideal for portable consumer applications.
This regulator offers foldback current limit, shutdown, and thermal protection. The operating junction temperature
for this device is –40°C to +150°C.
7.2 Functional Block Diagrams
+
±
Band Gap
Thermal
Shutdown
UVLO
Logic
Current
Limit
95 Ÿ
IN
EN
GND
OUT
FB
±
+
PG
0.90 x VREF
Figure 7-1. Adjustable Version With Open-Drain Power-Good
+
±
Band Gap
Thermal
Shutdown
UVLO
Logic
Current
Limit
95 Ÿ
IN
EN
GND
OUT
FB
±
+
PG
0.90 x VREF
Figure 7-2. Adjustable Version With Push-Pull Power-Good
TPS746-Q1
SBVS358B – JUNE 2018 – REVISED JANUARY 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS746-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com