Electronic Components Datasheet Search
  English  ▼

X  

TPS746 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS746
Description  TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS746 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS746 Datasheet HTML 17Page - Texas Instruments TPS746 Datasheet HTML 18Page - Texas Instruments TPS746 Datasheet HTML 19Page - Texas Instruments TPS746 Datasheet HTML 20Page - Texas Instruments TPS746 Datasheet HTML 21Page - Texas Instruments TPS746 Datasheet HTML 22Page - Texas Instruments TPS746 Datasheet HTML 23Page - Texas Instruments TPS746 Datasheet HTML 24Page - Texas Instruments TPS746 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
8.1.1 Adjustable Device Feedback Resistors
Figure 8-1 shows that the output voltage of the TPS746P-Q1 can be adjusted from 0.55 V to 5.5 V by using a
resistor divider network.
TPS746-Q1
EN
IN
OUT
VIN
VOUT
CIN
COUT
RPG*
PG
*Pull-up resistor not required
for push-pull option
FB
GND
R1
R2
Cff
Figure 8-1. Adjustable Operation
The adjustable-version device requires external feedback divider resistors to set the output voltage. VOUT is set
using the feedback divider resistors, R1 and R2, according to the following equation:
VOUT = VFB × (1 + R1 / R2)
(2)
To ignore the FB pin current error term in the VOUT equation, set the feedback divider current to 100x the FB pin
current listed in the Electrical Characteristics table. This setting provides the maximum feedback divider series
resistance, as shown in the following equation:
R1 + R2 ≤ VOUT / (IFB × 100)
(3)
8.1.2 Input and Output Capacitor Selection
The TPS746-Q1 requires an output capacitance of 0.47 µF or larger for stability. Use X5R- and X7R-type
ceramic capacitors because these capacitors have minimal variation in value and equivalent series resistance
(ESR) over temperature. When choosing a capacitor for a specific application, pay attention to the dc bias
characteristics for the capacitor. Higher output voltages cause a significant derating of the capacitor. For best
performance, the maximum recommended output capacitance is 220 µF.
Although an input capacitor is not required for stability, good analog design practice is to connect a capacitor
from IN to GND. Some input supplies have a high impedance, thus placing the input capacitor on the input
supply helps reduce the input impedance. This capacitor counteracts reactive input sources and improves
transient response, input ripple, and PSRR. If the input supply has a high impedance over a large range of
frequencies, several input capacitors can be used in parallel to lower the impedance over frequency. Use a
higher-value capacitor if large, fast, rise-time load transients are anticipated, or if the device is located several
inches from the input power source.
www.ti.com
TPS746-Q1
SBVS358B – JUNE 2018 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS746-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com