Electronic Components Datasheet Search
  English  ▼

X  

TPS746 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPS746
Description  TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS746 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS746 Datasheet HTML 25Page - Texas Instruments TPS746 Datasheet HTML 26Page - Texas Instruments TPS746 Datasheet HTML 27Page - Texas Instruments TPS746 Datasheet HTML 28Page - Texas Instruments TPS746 Datasheet HTML 29Page - Texas Instruments TPS746 Datasheet HTML 30Page - Texas Instruments TPS746 Datasheet HTML 31Page - Texas Instruments TPS746 Datasheet HTML 32Page - Texas Instruments TPS746 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
8.2.2.2 Thermal Dissipation
The junction temperature can be determined using the junction-to-ambient thermal resistance (RθJA) and the
total power dissipation (PD). Use Equation 7 to calculate the power dissipation. Multiply PD by RθJA as Equation
8 shows and add the ambient temperature (TA) to calculate the junction temperature (TJ).
PD = (IGND+ IOUT) × (VIN – VOUT)
(7)
TJ = RθJA × PD + TA
(8)
Calculate the maximum ambient temperature as Equation 9 shows if the (TJ(MAX)) value does not exceed 125°C.
Equation 10 calculates the maximum ambient temperature with a value of 109.85°C.
TA(MAX) = TJ(MAX) – RθJA × PD
(9)
TA(MAX) = 150°C – 80.3°C/W × (3.8 V – 3.3 V) × (1 A) = 109.85°C
(10)
8.2.3 Application Curve
Frequency (Hz)
-10
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
ILOAD = 10 mA
ILOAD = 100 mA
ILOAD = 250 mA
ILOAD = 500 mA
ILOAD = 1 A
VIN = 3.8 V, VOUT = 3.3 V, COUT = 2.2 µF
Figure 8-10. PSRR vs Frequency and ILOAD
9 Power Supply Recommendations
The TPS745-Q1 is designed to operate from an input voltage supply range from 1.5 V to 6.0 V. The input voltage
range provides adequate headroom in order for the device to have a regulated output. This input supply must be
well regulated. If the input supply is noisy, additional input capacitors with low ESR may help improve output
noise performance. Connect a low output impedance power supply directly to the IN pin of the TPS746-Q1.
www.ti.com
TPS746-Q1
SBVS358B – JUNE 2018 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TPS746-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com