Electronic Components Datasheet Search
  English  ▼

X  

FTK4409 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTK4409
Description  Small Signal MOSFET 25 V, 0.75 A, Single, N?묬hannel, ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4409 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTK4409 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4409 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4409 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4409 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2013. 06. 14
4/4
FTK4409
Revision No : 0
0
0.6
4
1
0
Figure 7. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
Qg, TOTAL GATE CHARGE (nC)
ID = 0.8 A
TJ = 25°C
1.4
2
3
5
0.4
0.2
QG(TOT)
QGS
QGD
Figure 8. Diode Forward Voltage vs. Current
0.8
0
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
VGS = 0 V
3.2
0.6
0.4
1.6
0.8
1
0.2
TJ = 25°C
2.4
1.2
0
0.8
1.0
1.2
VGS
TJ = 125°C
PACKAGE DIMENSIONS
SC−70 (SOT−323)
STYLE 8:
PIN 1. GATE
2. SOURCE
3. DRAIN
1.9
0.075
0.65
0.025
0.65
0.025
0.9
0.035
0.7
0.028
SOLDERING FOOTPRINT*
A
A2
D
e1
b
e
E
A1
c
L
3
1
2
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
0.05 (0.002)
HE
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
0 80
0.90
1 00
0.032
INCHES
A1
0 00
0.05
0.10
0.000
A2
0.7 REF
b
0 30
0.35
0.40
0.012
c
0.10
0.18
0 25
0.004
D
1 80
2.10
2 20
0.071
E
1.15
1.24
1 35
0.045
e
1 20
1.30
1.40
0.047
0 035
0.040
0 002
0.004
0 014
0.016
0 007
0.010
0 083
0.087
0 049
0.053
0 051
0.055
NOM
MAX
L
2 00
2.10
2.40
0.079
0 083
0.095
HE
e1
0 65 BSC
0.425 REF
0.028 REF
0.026 BSC
0.017 REF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com