Electronic Components Datasheet Search
  English  ▼

X  

FTK4409 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK4409
Description  Small Signal MOSFET 25 V, 0.75 A, Single, N?묬hannel, ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4409 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK4409 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4409 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4409 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4409 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
3
2
SOT– 323
2013. 06. 14
1/4
SEMICONDUCTOR
TECHNICAL DATA
FTK4409
Revision No : 0
Small Signal MOSFET
25 V, 0.75 A, Single,
N−Channel, ESD Protection, SC−70/SOT−323
Features
• Advance Planar Technology for Fast Switching, Low R
DS(on)
• Higher Efficiency Extending Battery Life
• This is a Pb−Free Device
Applications
• Boost and Buck Converter
• Load Switch
• Battery Protection
MAXIMUM RA
TINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol Value
Unit
Drain−to−Source Voltage
VDSS
25
V
Gate−to−Source Voltage
VGS
8.0
V
Drain Current
t < 5 s
TA = 25°C
ID
0.75
A
Continuous Drain Current
(Note 1)
Steady
State
TA = 25°C
ID
0.7
A
TA = 75°C
0.6
Power Dissipation (Note 1)
Steady State
PD
0.28
W
Power Dissipation (Note 1)
t
5 s
PD
0.33
W
Pulsed Drain Current
tp = 10 s
IDM
3.0
A
Operating
Junction and Storage Temperature
TJ,
TSTG
−55 to
+150
°C
Source Current (Body Diode) (Note 1)
IS
0.3
A
Lead Temperature for
Soldering Purposes
(1/8″ from
case for 10 s)
TL
260
°C
ESD Rating − Machine Model
250
V
THERMAL RESISTANCE RATINGS
Rating
Symbol
Max
Unit
Junction−to−Ambient – Steady State (Note 1)
R JA
450
°C/W
Junction−to−Ambient − t
5 s (Note 1)
R JA
375
Maximum ratings are those values
beyond which device damage can occur.
Maximum ratings applied to the
device are individual stress limit values (not
normal
operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1.
Surface mounted on FR4 board using 1 in sq pad size
(Cu area = 1.127 in sq [1 oz]
including traces).
(Top View)
SOT-323 (3-Leads)
Drain
Gate
3
1
2
Source
MARKING DIAGRAM
T4
= Specific Device Code
M
= Month Code
T4
1
3
2
PIN CONNECTIONS
V(BR)DSS
RDS(on) Typ
ID Max
25 V
249 m
@ 4.5 V
299 m
@ 2.7 V
0.75 A
Device
Package
Shipping
FTK4409
SOT-323
(Pb−Free)
3000/Tape & Reel


Similar Part No. - FTK4409

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK4407 FS-FTK4407 Datasheet
378Kb / 4P
P-Channel Power MOSFET
FTK4407S FS-FTK4407S Datasheet
808Kb / 5P
P-Channel Power MOSFET
More results

Similar Description - FTK4409

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTA4001N ONSEMI-NTA4001N Datasheet
61Kb / 6P
Small Signal MOSFET 20 V, 238 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
September, 2003 ??Rev. 0
NTJS4405N ONSEMI-NTJS4405N Datasheet
131Kb / 5P
Small Signal MOSFET 25 V, 1.2 A, Single, N?묬hannel, SC??8
February, 2006 ??Rev. 4
NTA7002N ONSEMI-NTA7002N Datasheet
56Kb / 6P
Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
July, 2005 ??Rev. 1
NTR4003N ONSEMI-NTR4003N Datasheet
67Kb / 5P
Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3
May, 2006 ??Rev. 0
NTS4409N ONSEMI-NTS4409N Datasheet
65Kb / 6P
Small Signal MOSFET 25 V, 0.75 A, Single, N?묬hannel, ESD Protection, SC??0/SOT??23
January, 2006 ??Rev. 2
logo
Leshan Radio Company
LNTS4409NWT1G LRC-LNTS4409NWT1G Datasheet
216Kb / 5P
Small Signal MOSFET 25 V, 0.75 A, Single, N?묬hannel, ESD Protection
logo
ON Semiconductor
NVJD4401NT1G ONSEMI-NVJD4401NT1G Datasheet
124Kb / 5P
Small Signal MOSFET 20 V, Dual N?묬hannel, SC??8 ESD Protection
October, 2011 ??Rev. 6
NVR4003NT3G ONSEMI-NVR4003NT3G Datasheet
105Kb / 5P
Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3
June, 2012 ??Rev. 3
NVA4153N ONSEMI-NVA4153N Datasheet
81Kb / 6P
Single N?묬hannel Small Signal MOSFET
June, 2014 ??Rev. 0
logo
First Silicon Co., Ltd
FTK7002EN FS-FTK7002EN Datasheet
291Kb / 5P
Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com