Electronic Components Datasheet Search
  English  ▼

X  

CY545 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CY545
Description  Stepper System Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CY545 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CY545 Datasheet HTML 9Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 10Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 11Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 12Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 13Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 14Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 15Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 16Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 107 page
background image
CY545 Stepper System Controller
www.ControlChips.com
© 2002 Cybernetic Micro Systems
Chapter 2 - Pinout & Package Overview
8
DIP
PLCC
Pin Name
Description
910
(I)
RESET
CY545 hardware reset, active high pulse
10
11
(I)
RxD
Received serial data into CY545
-12
(O)
NC
No connection
11
13
(O)
TxD
Transmitted serial data from CY545
These are TTL level serial data signals that can be used to issue
commands to or get replies from the CY545. Addition of an RS-232
voltage level driver/receiver, such as the Maxim MAX233, allows any RS-
232 device, such as the IBM PC COM1 port to talk directly to the CY545.
DIP
PLCC
Pin Name
Description
12
14
(O)
SW_SEL/
Switch select
This signal is active when the CY545 is reading a parameter value from
external thumbwheel switches. The switch address is generated by the
parallel data bus.
DIP
PLCC
Pin Name
Description
13
15
(I)
IO_REQUEST/
Parallel handshake input signal
This signal is driven low when a parallel command is issued to the
CY545. It is used as part of the parallel command handshake. If the
parallel command function is not used, this signal may select a fixed
serial baud rate as follows:
0 = 300 baud, 1 = 2400 baud, F = 9600 baud
DIP
PLCC
Pin Name
Description
14
16
(I/O)
XMEM_SEL/
External local memory select
This signal goes low when the CY545 reads or writes to the local external
memory. Data and addresses are generated by the parallel data bus. Up
to 64K bytes of external memory are supported. When this signal is
driven low at power-up or reset, the CY545 will not test for the Auto Start
key sequence or automatically execute commands from the external
memory.
DIP
PLCC
Pin Name
Description
15
17
(I/O)
BUSY/
Parallel handshake acknowledgement
BUSY/ is used with IO_REQUEST/ to implement the two line parallel
command handshake. This signal indicates that the CY545 has accepted
a parallel data character from the device driving the IO_REQUEST signal.
If the parallel handshake is not used, this pin may be tied low to select
fixed baud rates through the IO_REQUEST signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com