Electronic Components Datasheet Search
  English  ▼

X  

CY545 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # CY545
Description  Stepper System Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CY545 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CY545 Datasheet HTML 17Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 18Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 19Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 20Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 21Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 22Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 23Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 24Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
CY545 Stepper System Controller
www.ControlChips.com
© 2002 Cybernetic Micro Systems
Chapter 4 - Command Summary
16
Command Formats
The CY545 supports several different command formats, which can be split into two major
categories, ASCII format and Binary format. Most examples in this manual will illustrate ASCII
formats, and we believe this will be the most popular mode of operation. The main advantage to
Binary format is a savings in the number of characters needed to represent a parameter value,
so Binary format commands will usually take fewer characters than ASCII format commands.
However, Binary format commands are more difficult for humans to read, and if the CY545 and
host computer become unsynchronized in Binary mode, due to a faulty data count, it is
extremely difficult to resynchronize the two without a hardware reset.
ASCII Command Format
ASCII format commands all start with the ASCII command letter that selects that command. If
the command also has parameters, the command letter must be followed by a space, then the
parameter value. Multiple parameters, such as those used by the Loop command, may be
separated by a space or comma. Our examples will generally use a comma. All ASCII
commands end with the ASCII carriage return character, shown as “<cr>” in the following
examples. Commands without parameters, such as the Go command, use only the command
letter, followed immediately by the carriage return. For example:
G<cr>
Go command, no parameter
I<cr>
Initialize command, no parameter
Commands with parameters may use two formats for the parameter values in the ASCII mode,
a decimal format, consisting of the digits 0 to 9, or a hex format, consisting of the digits 0 to 9,
letters A to F, and an “H” suffix. Hex parameters must start with a digit. For example:
R 135<cr>
Rate command, single decimal parameter
R 87H<cr>
Same parameter value, but in hex form
R ABH<cr>
Illegal parameter, no digit to start
R 0AB<cr>
Illegal parameter, no H suffix
R 0ABH<cr>
Parameter value ok
D 12345<cr>
16 bit parameter value in decimal
D 1A3BH<cr>
16 bit parameter value in hex
L 37,27<cr>
Loop command, multiple parameters
L 23H,27<cr>
Parameter formats may be mixed
Parameter values may be entered with any number of digits, but the command will limit the
value to a single byte if the range of the parameter is only one byte. For example:
R 0ABCH<cr>
Value is taken as 0BCH = 188
R 350<cr>
Value is taken as 94 = 350 - 256
Sixteen bit parameters are limited to 65535 (0FFFFH), and eight bit parameters are limited to
255 (0FFH), while the 24 bit parameters, used for position and step counts, are limited to
16777215 (0FFFFFFH). All arguments are unsigned integers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com