Electronic Components Datasheet Search
  English  ▼

X  

CY545 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # CY545
Description  Stepper System Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CY545 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button CY545 Datasheet HTML 35Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 36Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 37Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 38Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 39Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 40Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 41Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 42Page - List of Unclassifed Manufacturers CY545 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
CY545 Stepper System Controller
www.ControlChips.com
© 2002 Cybernetic Micro Systems
Chapter 9 - Operating Mode Command
34
MB
3
MB
2
MB
1
MB
0
MB
value
Selected Rate
@ 11 MHz
00000
300
00011
600
00102
1200
00113
2400
01004
4800
01015
9600
01106
19200
01117
57600
10008
Self Adaptive
(up to 19200 baud)
1
xxx9-F
Undefined
When crystal frequencies other than 11 MHz are used, the fixed rates will be scaled linearly by
the crystal frequency, while the self-adaptive rate will attempt to compensate for the new crystal
frequency. For most crystal frequencies above 11 MHz, the CY545 can adapt successfully to
baud rates of 4800 baud or less, with a small enough error to insure reliable operation of the
serial interface. However, at 14.7456 MHz, the CY545 can adapt to all baud rates up to 19,200,
plus two non-standard rates of 38,400 and 76,800 baud.
The CY545 will set the baud rate during the execution of the Mode command, and the new rate
will be in effect until a hardware reset occurs or another Mode command is issued, with B6 set.
When the adaptive rate is selected, the CY545 must receive two carriage returns before the
operating baud rate will be defined again, so this selection may only be used if serial data is
coming into the CY545. No transmissions will occur until the baud rate is again defined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com