Electronic Components Datasheet Search
  English  ▼

X  

FTK7002V Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK7002V
Description  Dual N-channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7002V Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK7002V Datasheet HTML 1Page - First Silicon Co., Ltd FTK7002V Datasheet HTML 2Page - First Silicon Co., Ltd FTK7002V Datasheet HTML 3Page - First Silicon Co., Ltd FTK7002V Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2016. 01.25
1/4
SEMICONDUCTOR
TECHNICAL DATA
FTK7002V
Revision No : 0
MOSFET (Dual N-Channel)
FEATURE
∙ Dual N-channel MOSFET
∙ Low on-resistance
∙ Low gate threshold voltage
∙ Low input capacitance
∙ Fast switching speed
∙ Low input/output leakage
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VDS
Drain-Source voltage
60
V
ID
Drain Current
115
mA
PD
Power Dissipation
150
W
m
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
SOT-563
VGS
Gate-Source voltage
0
2
V
MARKING
Equivalent Circuit
APPLICATION
Load Switch for Portable Devices
DC/DC Converter
V(BR)DSS
RDS(on)MAX
ID
60V
5Ω@10V
115mA
7Ω@5V


Similar Part No. - FTK7002V

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK7002 FS-FTK7002 Datasheet
248Kb / 4P
Small Signal MOSFET 300 mAmps, 60 Volts N?밅hannel SOT??3
FTK7002D FS-FTK7002D Datasheet
413Kb / 4P
Dual Small Signal MOSFET 115 mAmps, 60 Volts N-Channel SC-88
FTK7002EN FS-FTK7002EN Datasheet
291Kb / 5P
Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection
FTK7002K FS-FTK7002K Datasheet
370Kb / 6P
Small Signal MOSFET 380 mAmps, 60 Volts
FTK7002KDFN1006 FS-FTK7002KDFN1006 Datasheet
426Kb / 5P
Low On-Resistance
More results

Similar Description - FTK7002V

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com