Electronic Components Datasheet Search
  English  ▼

X  

FTK7002V Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK7002V
Description  Dual N-channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7002V Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK7002V Datasheet HTML 1Page - First Silicon Co., Ltd FTK7002V Datasheet HTML 2Page - First Silicon Co., Ltd FTK7002V Datasheet HTML 3Page - First Silicon Co., Ltd FTK7002V Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2016.01.25
3/4
FTK7002V
Revision No : 0
TYPICAL ELECTRICAL CHARACTERISTICS
1
6
0
1
2
8
0
2
4
6
6
4
2
0
0.0
0.2
0.4
0.6
0.8
1.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1E-3
0.01
0.1
1
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
I
D
=50mA
I
D
=500mA
I
D
R
DS(ON)
——
T
a
=25℃
Pulsed
V
GS
R
DS(ON)
——
GATE TO SOURCE VOLTAGE
V
GS
(V)
T
a
=25℃
Pulsed
T
a
=25℃
Pulsed
Transfer Characteris tics
GATE TO SOURCE VOLTAGE
V
GS
(V)
3E-3
2
T
a
=25℃
Pulsed
0.3
0.03
V
SD
I
S
——
SOURCE TO DRAIN VOLTAGE
V
SD
(V)
V
GS
=5V
V
GS
=10V,9V,8V,7V,6V
V
GS
=4V
V
GS
=3V
Output Charact eristics
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
V
GS
=5V
V
GS
=10V
T
a
=25℃
Pulsed
DRAIN CURRENT
I
D
(A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com