Electronic Components Datasheet Search
  English  ▼

X  

PCI2050B Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2050B
Description  PCI-to-PCI Bridge
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2050B Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCI2050B Datasheet HTML 28Page - Texas Instruments PCI2050B Datasheet HTML 29Page - Texas Instruments PCI2050B Datasheet HTML 30Page - Texas Instruments PCI2050B Datasheet HTML 31Page - Texas Instruments PCI2050B Datasheet HTML 32Page - Texas Instruments PCI2050B Datasheet HTML 33Page - Texas Instruments PCI2050B Datasheet HTML 34Page - Texas Instruments PCI2050B Datasheet HTML 35Page - Texas Instruments PCI2050B Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
3−5
Table 3−2. PCI S_AD31−S_AD16 During the Address
Phase of a Type 0 Configuration Cycle
DEVICE
NUMBER
SECONDARY IDSEL
S_AD31−S_AD16
S_AD
ASSERTED
0h
0000 0000 0000 0001
16
1h
0000 0000 0000 0010
17
2h
0000 0000 0000 0100
18
3h
0000 0000 0000 1000
19
4h
0000 0000 0001 0000
20
5h
0000 0000 0010 0000
21
6h
0000 0000 0100 0000
22
7h
0000 0000 1000 0000
23
8h
0000 0001 0000 0000
24
9h
0000 0010 0000 0000
25
Ah
0000 0100 0000 0000
26
Bh
0000 1000 0000 0000
27
Ch
0001 0000 0000 0000
28
Dh
0010 0000 0000 0000
29
Eh
0100 0000 0000 0000
30
Fh
1000 0000 0000 0000
31
10h−1Eh
0000 0000 0000 0000
−
3.4 Special Cycle Generation
The bridge is designed to generate special cycles on both buses through a type 1 cycle conversion. During a type 1
configuration cycle, if the bus number field matches the bridge secondary bus number, the device number field is 1Fh,
and the function number field is 07h, then the bridge generates a special cycle on the secondary bus with a message
that matches the type 1 configuration cycle data. If the bus number is a subordinate bus and not the secondary, then
the bridge passes the type 1 special cycle request through to the secondary interface along with the proper message.
Special cycles are never passed through the bridge. Type 1 configuration cycles with a special cycle request can
propagate in both directions.
3.5 Secondary Clocks
The PCI2050B bridge provides 10 secondary clock outputs (S_CLKOUT[0:9]). Nine are provided for clocking
secondary devices. The tenth clock must be routed back into the PCI2050B S_CLK input to ensure all secondary bus
devices see the same clock. Figure 3−5 is a block diagram of the secondary clock function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com