Electronic Components Datasheet Search
  English  ▼

X  

PCI2050B Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2050B
Description  PCI-to-PCI Bridge
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2050B Datasheet(HTML) 72 Page - Texas Instruments

Back Button PCI2050B Datasheet HTML 68Page - Texas Instruments PCI2050B Datasheet HTML 69Page - Texas Instruments PCI2050B Datasheet HTML 70Page - Texas Instruments PCI2050B Datasheet HTML 71Page - Texas Instruments PCI2050B Datasheet HTML 72Page - Texas Instruments PCI2050B Datasheet HTML 73Page - Texas Instruments PCI2050B Datasheet HTML 74Page - Texas Instruments PCI2050B Datasheet HTML 75Page - Texas Instruments PCI2050B Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
5−13
5.18 Hot-Swap Control Status Register
The hot-swap control status register contains control and status information for cPCI hot swap resources.
Bit
7
6
5
4
3
2
1
0
Name
Hot swap control status
Type
R
R
R
R
R/W
R
R/W
R
Default
0
0
0
0
0
0
0
0
Register:
Hot-swap control status
Type:
Read-only, Read/Write
Offset:
E6h
Default:
00h
Table 5−13. Hot-Swap Control Status Register Description
BIT
TYPE
FUNCTION
7
R
ENUM insertion status. When set, the ENUM output is driven by the PCI2050B bridge. This bit defaults to 0, and is set after
a PCI reset occurs, the pre-load of serial ROM is complete, the ejector handle is closed, and bit 6 is 0. Thus, this bit is set
following an insertion when the board implementing the PCI2050B bridge is ready for configuration. This bit cannot be set
under software control.
6
R
ENUM extraction status. When set, the ENUM output is driven by the PCI2050B bridge. This bit defaults to 0, and is set
when the ejector handle is opened and bit 7 is 0. Thus, this bit is set when the board implementing the PCI2050B bridge
is about to be removed. This bit cannot be set under software control.
5−4
R
Reserved. Bits 5 and 4 return 0s when read.
3
R/W
LED ON/OFF. This bit defaults to 0, and controls the external LED indicator (HS_LED) under normal conditions. However,
for a duration following a PCI_RST, the HS_LED output is driven high by the PCI2050B bridge and this bit is ignored. When
this bit is interpreted, a 1 causes HS_LED high and a 0 causes HS_LED low.
Following PCI_RST, the HS_LED output is driven high by the PCI2050B bridge until the ejector handle is closed. When
these conditions are met, the HS_LED is under software control via this bit.
2
R
Reserved. Bit 2 returns 0 when read.
1
R/W
ENUM interrupt mask. This bit allows the HS_ENUM output to be masked by software. Bits 6 and 7 are set independently
from this bit.
0 = Enable HS_ENUM output
1 = Mask HS_ENUM output
0
R
Reserved. Bit 0 returns 0 when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com