Electronic Components Datasheet Search
  English  ▼

X  

PCI2050B Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2050B
Description  PCI-to-PCI Bridge
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2050B Datasheet(HTML) 52 Page - Texas Instruments

Back Button PCI2050B Datasheet HTML 48Page - Texas Instruments PCI2050B Datasheet HTML 49Page - Texas Instruments PCI2050B Datasheet HTML 50Page - Texas Instruments PCI2050B Datasheet HTML 51Page - Texas Instruments PCI2050B Datasheet HTML 52Page - Texas Instruments PCI2050B Datasheet HTML 53Page - Texas Instruments PCI2050B Datasheet HTML 54Page - Texas Instruments PCI2050B Datasheet HTML 55Page - Texas Instruments PCI2050B Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
4−9
4.17 I/O Base Register
The I/O base register is used in decoding I/O addresses to pass through the bridge. The bridge supports 32-bit I/O
addressing; thus, bits 3−0 are read-only and default to 0001b. The upper four bits are writable and correspond to
address bits AD15−AD12. The lower 12 address bits of the I/O base address are considered 0. Thus, the bottom of
the defined I/O address range is aligned on a 4K-byte boundary. The upper 16 address bits of the 32-bit I/O base
address corresponds to the contents of the I/O base upper 16 bits register (offset 30h, see Section 4.26).
Bit
7
6
5
4
3
2
1
0
Name
I/O base
Type
R/W
R/W
R/W
R/W
R
R
R
R
Default
0
0
0
0
0
0
0
1
Register:
I/O base
Type:
Read-only, Read/Write
Offset:
1Ch
Default:
01h
4.18 I/O Limit Register
The I/O limit register is used in decoding I/O addresses to pass through the bridge. The bridge supports 32-bit I/O
addressing; thus, bits 3−0 are read-only and default to 0001b. The upper four bits are writable and correspond to
address bits AD15−AD12. The lower 12 address bits of the I/O limit address are considered FFFh. Thus, the top of
the defined I/O address range is aligned on a 4K-byte boundary. The upper 16 address bits of the 32-bit I/O limit
address corresponds to the contents of the I/O limit upper 16 bits register (offset 32h, see Section 4.27).
Bit
7
6
5
4
3
2
1
0
Name
I/O limit
Type
R/W
R/W
R/W
R/W
R
R
R
R
Default
0
0
0
0
0
0
0
1
Register:
I/O limit
Type:
Read-only, Read/Write
Offset:
1Dh
Default:
01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com