Electronic Components Datasheet Search
  English  ▼

X  

TMUX7219 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7219
Description  TMUX7219-Q1 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7219 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX7219 Datasheet HTML 1Page - Texas Instruments TMUX7219 Datasheet HTML 2Page - Texas Instruments TMUX7219 Datasheet HTML 3Page - Texas Instruments TMUX7219 Datasheet HTML 4Page - Texas Instruments TMUX7219 Datasheet HTML 5Page - Texas Instruments TMUX7219 Datasheet HTML 6Page - Texas Instruments TMUX7219 Datasheet HTML 7Page - Texas Instruments TMUX7219 Datasheet HTML 8Page - Texas Instruments TMUX7219 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TMUX7219-Q1 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
1 Features
• AEC-Q100 Qualified for Automotive Applications
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature
• Latch-Up Immune
• Dual Supply Range: ±4.5 V to ±22 V
• Single Supply Range: 4.5 V to 44 V
• Low On-Resistance: 2.1 Ω
• Low Charge Injection: -10 pC
• High Current Support: 330 mA (Maximum)
• 1.8 V Logic Compatible
• Fail-Safe Logic
• Rail to Rail Operation
• Bidirectional Signal Path
• Break-Before-Make Switching
2 Applications
• EV Charging Station Power Module
• Advanced Driver Sssistance Systems (ADAS)
• Automotive Gateway
3 Description
The TMUX7219-Q1 is a complementary metal-oxide
semiconductor (CMOS) switch with latch-up immunity
in a single channel, 2:1 (SPDT) configuration. The
device works with a single supply (4.5 V to 44 V), dual
supplies (±4.5 V to ±22 V), or asymmetric supplies
(such as VDD = 12 V, VSS = –5 V). The TMUX7219-Q1
supports bidirectional analog and digital signals on the
source (Sx) and drain (D) pins ranging from VSS to
VDD.
The TMUX7219-Q1 can be enabled or disabled by
controlling the EN pin. When disabled, both signal
path switches are off. When enabled, the SEL pin can
be used to turn on signal path 1 (S1 to D) or signal
path 2 (S2 to D). All logic control inputs support logic
levels from 1.8 V to VDD, ensuring both TTL and
CMOS logic compatibility when operating in the valid
supply voltage range. Fail-Safe Logic circuitry allows
voltages on the control pins to be applied before the
supply pin, protecting the device from potential
damage.
The TMUX72xx family provides latch-up immunity,
preventing undesirable high current events between
parasitic structures within the device typically caused
by overvoltage events. A latch-up condition typically
continues until the power supply rails are turned off
and can lead to device failure. The latch-up immunity
feature allows the TMUX72xx family of switches and
multiplexers to be used in harsh environments.
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX7219-Q1
VSSOP (8) (DGK)
3.00 mm × 3.00 mm
S1
S2
EN
D
VDD
VSS
Decoder
SEL
Block Diagram
www.ti.com
TMUX7219-Q1
SCDS438 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TMUX7219-Q1
TMUX7219-Q1
SCDS438 – JANUARY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - TMUX7219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7219 TI-TMUX7219 Datasheet
2Mb / 38P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
TMUX7219 TI-TMUX7219 Datasheet
1Mb / 43P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX7219 TI-TMUX7219 Datasheet
2Mb / 46P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX7219 TI2-TMUX7219 Datasheet
2Mb / 51P
TMUX7219 44V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8V Logic
REVISED JULY 2024
TMUX7219-Q1 TI-TMUX7219-Q1 Datasheet
1Mb / 43P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
REVISED AUGUST 2022
More results

Similar Description - TMUX7219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7219 TI-TMUX7219 Datasheet
2Mb / 38P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
TMUX7208 TI-TMUX7208 Datasheet
2Mb / 42P
TMUX7208 44-V, Latch-Up Immune, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX7208 TI-TMUX7208_V01 Datasheet
3Mb / 51P
TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX7208 TI-TMUX7208_V02 Datasheet
3Mb / 51P
TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX7236 TI-TMUX7236 Datasheet
1Mb / 35P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch with Latch-Up Immunity and 1.8 V Logic
MARCH 2022
TMUX7219M TI-TMUX7219M Datasheet
1Mb / 38P
TMUX7219M 44-V, Latch-Up Immune, Extended Temperature, 2:1 (SPDT) Precision Switch with 1.8-V Logic
MAY 2022
TMUX7219 TI-TMUX7219_V01 Datasheet
1Mb / 43P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX7236 TI-TMUX7236_V01 Datasheet
2Mb / 41P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
REVISED JULY 2022
TMUX7219 TI-TMUX7219_V02 Datasheet
2Mb / 46P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX7236 TI1-TMUX7236_V02 Datasheet
2Mb / 45P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com