Electronic Components Datasheet Search
  English  ▼

X  

TMUX7219 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7219
Description  TMUX7219-Q1 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7219 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX7219 Datasheet HTML 9Page - Texas Instruments TMUX7219 Datasheet HTML 10Page - Texas Instruments TMUX7219 Datasheet HTML 11Page - Texas Instruments TMUX7219 Datasheet HTML 12Page - Texas Instruments TMUX7219 Datasheet HTML 13Page - Texas Instruments TMUX7219 Datasheet HTML 14Page - Texas Instruments TMUX7219 Datasheet HTML 15Page - Texas Instruments TMUX7219 Datasheet HTML 16Page - Texas Instruments TMUX7219 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
6.13 12 V Single Supply: Switching Characteristics
VDD = +12 V ± 10%, VSS = 0 V, GND = 0 V (unless otherwise noted)
Typical at VDD = +12 V, VSS = 0 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
tTRAN
Transition time from control input
VS = 8 V
RL = 300 Ω, CL = 35 pF
Refer to Transition Time
25°C
180
185
ns
–40°C to +85°C
215
ns
–40°C to +125°C
235
ns
tON (EN)
Turn-on time from enable
VS = 8 V
RL = 300 Ω, CL = 35 pF
Refer to Turn-on and Turn-off
Time
25°C
120
180
ns
–40°C to +85°C
210
ns
–40°C to +125°C
230
ns
tOFF (EN) Turn-off time from enable
VS = 8 V
RL = 300 Ω, CL = 35 pF
Refer to Turn-on and Turn-off
Time
25°C
130
210
ns
–40°C to +85°C
235
ns
–40°C to +125°C
250
ns
tBBM
Break-before-make time delay
VS = 8 V,
RL = 300 Ω, CL = 35 pF
Refer to Break-Before-Make
25°C
40
ns
–40°C to +85°C
1
ns
–40°C to +125°C
1
ns
TON (VDD)
Device turn on time
(VDD to output)
VDD rise time = 100ns
RL = 300 Ω, CL = 35 pF
Refer to Turn-on (VDD) Time
25°C
0.19
ms
–40°C to +85°C
0.2
ms
–40°C to +125°C
0.2
ms
tPD
Propagation delay
RL = 50 Ω , CL = 5 pF
Refer to Propagation Delay
25°C
740
ps
QINJ
Charge injection
VD = 6 V, CL = 1 nF
Refer to Charge Injection
25°C
–6
pC
OISO
Off-isolation
RL = 50 Ω , CL = 5 pF
VS = 6 V, f = 100 kHz
Refer to Charge Injection
25°C
–75
dB
OISO
Off-isolation
RL = 50 Ω , CL = 5 pF
VS = 6 V, f = 1 MHz
Refer to Off Isolation
25°C
–55
dB
XTALK
Crosstalk
RL = 50 Ω , CL = 5 pF
VS = 6 V, f = 100 kHz
Refer to Crosstalk
25°C
–117
dB
XTALK
Crosstalk
RL = 50 Ω , CL = 5 pF
VS = 6 V, f = 1MHz
Refer to Crosstalk
25°C
–106
dB
BW
–3dB Bandwidth
RL = 50 Ω , CL = 5 pF
VS = 6 V
Refer to Bandwidth
25°C
42
MHz
IL
Insertion loss
RL = 50 Ω , CL = 5 pF
VS = 6 V, f = 1 MHz
25°C
–0.3
dB
ACPSRR AC Power Supply Rejection Ratio
VPP = 0.62 V on VDD and VSS
RL = 50 Ω , CL = 5 pF,
f = 1 MHz
Refer to ACPSRR
25°C
–65
dB
THD+N
Total Harmonic Distortion + Noise
VPP = 6 V, VBIAS = 6 V
RL = 10 kΩ , CL = 5 pF,
f = 20 Hz to 20 kHz
Refer to THD + Noise
25°C
0.0009
%
CS(OFF)
Source off capacitance
VS = 6 V, f = 1 MHz
25°C
38
pF
CD(OFF)
Drain off capacitance
VS = 6 V, f = 1 MHz
25°C
56
pF
CS(ON),
CD(ON)
On capacitance
VS = 6 V, f = 1 MHz
25°C
150
pF
www.ti.com
TMUX7219-Q1
SCDS438 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX7219-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com