Electronic Components Datasheet Search
  English  ▼

X  

TMUX7219 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7219
Description  TMUX7219-Q1 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7219 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX7219 Datasheet HTML 17Page - Texas Instruments TMUX7219 Datasheet HTML 18Page - Texas Instruments TMUX7219 Datasheet HTML 19Page - Texas Instruments TMUX7219 Datasheet HTML 20Page - Texas Instruments TMUX7219 Datasheet HTML 21Page - Texas Instruments TMUX7219 Datasheet HTML 22Page - Texas Instruments TMUX7219 Datasheet HTML 23Page - Texas Instruments TMUX7219 Datasheet HTML 24Page - Texas Instruments TMUX7219 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
8 Detailed Description
8.1 Overview
The TMUX6219-Q1 is a 2:1, 1-channel switch. Each input is turned on or turned off based on the state of the
select line and enable pin.
8.2 Functional Block Diagram
Figure 8-1 shows the functional block diagram of the TMUX7219-Q1.
S1
S2
EN
D
VDD
VSS
Decoder
SEL
Figure 8-1. TMUX7219-Q1 Functional Block Diagram
8.3 Feature Description
8.3.1 Bidirectional Operation
The TMUX7219-Q1 conducts equally well from source (Sx) to drain (D) or from drain (D) to source (Sx). Each
channel has very similar characteristics in both directions and supports both analog and digital signals.
8.3.2 Rail-to-Rail Operation
The valid signal path input and output voltage for TMUX7219-Q1 ranges from VSS to VDD.
8.3.3 1.8 V Logic Compatible Inputs
The TMUX7219-Q1 has 1.8 V logic compatible control for all logic control inputs. 1.8 V logic level inputs allows
the device to interface with processors that have lower logic I/O rails and eliminates the need for an external
translator, which saves both space and BOM cost. For more information on 1.8 V logic implementations refer to
Simplifying Design with 1.8 V logic Muxes and Switches.
8.3.4 Fail-Safe Logic
The TMUX7219-Q1 supports Fail-Safe Logic on the control input pins (EN, SEL) allowing for operation up to 44
V above ground, regardless of the state of the supply pins. This feature allows voltages on the control pins to be
applied before the supply pin, protecting the device from potential damage. Fail-Safe Logic minimizes system
complexity by removing the need for power supply sequencing on the logic control pins. For example, the Fail-
Safe Logic feature allows the logic input pins of the TMUX7219-Q1 to be ramped to +44 V while VDD and VSS =
0 V. The logic control inputs are protected against positive faults of up to +44 V in powered-off condition, but do
not offer protection against negative overvoltage conditions.
www.ti.com
TMUX7219-Q1
SCDS438 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX7219-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com