Electronic Components Datasheet Search
  English  ▼

X  

SPMA Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # SPMA
Description  Single Phase Power Supply
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPMA Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  SPMA Datasheet HTML 1Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 2Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 3Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 4Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 5Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 6Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 7Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 8Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Carlo Gavazzi Ltd.
SPMA
SPMA DS ENG
13/07/2020
Single Phase Power Supply
Benefits
Description
Applications
•
Universal AC input range. SPMA series can be powered
with AC voltage (85 VAC to 264 VAC) or with DC voltage
(120 VDC to 350 VDC).
•
CE and UL approvals. These power supplies meet CE,
UL508, UL 62368, UL 1310 Class 2 (Output), UL 121201
Class 1 Div 2 (hazardous location installations).
•
Isolation class II. This series has the Isolation Class II
and a Primary - Secondary withstand voltage of 4kVAC.
•
Reliable power in very compact dimensions. SPMA
has an ultra-slim body, from 15W in 17.5mm (1 DIN), up
to 100W in only 70mm (4 DIN) of space.
•
High efficiency, long life and high reliability. The SPMA
has a very high efficiency of up to 89%.
•
Reliable critical output protections. Safe operation
is guaranteed by the various output protections: Over
Current (OVC), Over Voltage (OVP), Short Circuit (SCP).
•
Wide operating ambient temperature. The operating
temperature range is from -30 °C to +70 °C (-22 °F to
158 °F), and a storage temperature range from -40 °C to
+85 °C (-40 °F to 185 °F).
•
Conformal coating (option). SPMA series are available
with the protective coating in order to protect its electronic
circuits from harsh environments as humidity and
contaminants.
SPMA Modular switching power supplies are
specifically designed to satisfy both the industrial
automation and the building automation application
requirements. The four DIN modules power supplies
are capable of up to 100W of output power. Its high
efficiency prevents excess of heat in the installation
place. These power supplies meet CE, UL508 listed,
UL 62368, UL1310 Class 2 (Output), UL 121201
Class1 Div 2, and the 4kVAC isolation voltage
that is mandatory for automotive battery charger
applications.
The SPMA is extremely suitable for automotive battery chargers, high efficiency and applications requiring
wide operating ambient temperature. Suitable for use in class 1, division 2, groups a, b, c and d hazardous
locations, or nonhazardous locations only. This equipment is an open-type device and must be installed in an
enclosure such that the equipment is only accessible with the use of a tool.
Warning: Explosion hazard - do not disconnect equipment while the circuit is live or unless the area is known
to be free of ignitable concentrations.
• Universal input voltage range: 85 VAC to 264 VAC; 120 VDC to 350 VDC
• Output options of 5 VDC, 12 VDC, 15 VDC or 24 VDC
• From 1 DIN to 4 DIN modules, from 12 W to 100.8 W
• Bi-colour LED for status indication
• Voltage output adjustment
• High efficiency up to 89%
• 4kVAC isolation voltage
Main functions


Similar Part No. - SPMA

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
SPM RADIOMETRIX-SPM Datasheet
292Kb / 7P
SpacePort Modem Evaluation Kit
logo
Apex Electronics Co., L...
SPM APEX-ELECTRONICS-SPM Datasheet
902Kb / 7P
Miniature pushbutton switches, optional LED
logo
List of Unclassifed Man...
SPM-1045 ETC1-SPM-1045 Datasheet
246Kb / 8P
High Linearity Passive FET Mixer
logo
Automatic Timing & Cont...
SPM-120-ACA ATC-SPM-120-ACA Datasheet
190Kb / 1P
Temperature Switch Relay
SPM-120-ADA ATC-SPM-120-ADA Datasheet
190Kb / 1P
Temperature Switch Relay
More results

Similar Description - SPMA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC453 SEMTECH-SC453 Datasheet
315Kb / 23P
Portable, VID Programmed Single Phase Power Supply Controller
SC457 SEMTECH-SC457 Datasheet
61Kb / 1P
Single-Phase Single Chip Vcore Power Supply
SC473 SEMTECH-SC473 Datasheet
474Kb / 18P
Single-Phase Single Chip Graphics Core Power Supply
SC472B SEMTECH-SC472B Datasheet
228Kb / 1P
Single-Phase Single Chip Graphics Core Power Supply
logo
Altech corporation
PSP480S ALTECH-PSP480S_1 Datasheet
110Kb / 2P
480W Single Phase Industrial DIN Rail Power Supply
logo
Semtech Corporation
SC457MLTRT SEMTECH-SC457MLTRT Datasheet
260Kb / 1P
Single-Phase Single Chip Vcore Power Supply
logo
List of Unclassifed Man...
PSRA3 ETC2-PSRA3 Datasheet
886Kb / 2P
Single phase, primary switched mode power supply
logo
Carlo Gavazzi Holding A...
SPPC CARLOGAVAZZI-SPPC Datasheet
3Mb / 36P
Single Phase Power Supply
SPDM CARLOGAVAZZI-SPDM Datasheet
5Mb / 29P
Single Phase Power Supply
SPDE CARLOGAVAZZI-SPDE Datasheet
3Mb / 19P
Single Phase Compact Power Supply
26/05/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com