Electronic Components Datasheet Search
  English  ▼

X  

SPMA Datasheet(PDF) 18 Page - Carlo Gavazzi Holding AG

Part # SPMA
Description  Single Phase Power Supply
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPMA Datasheet(HTML) 18 Page - Carlo Gavazzi Holding AG

Back Button SPMA Datasheet HTML 10Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 11Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 12Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 13Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 14Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 15Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 16Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 17Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 18Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
18
Carlo Gavazzi Ltd..
SPMA
SPMA DS ENG
13/07/2020
Block diagram
SPMA...151, SPMA...301, SPMA...601, SPMA...1001
IP
EMI
FILTER
ACTIVE INRUSH
CURRENT LIMITING
RECTIFIERS
POWER
SWITCHING
RECTIFIERS
& FILTER
+V
-V
DETECTION
CIRCUIT
O.V.P
O.L.P
PWM
CONTROL
Signaling and controls
Troubleshooting
DC OK LED
Yes
DC OK output type
LED (green)
DC OK threshold
(green colour)
5 V
Output voltage ≥ 90% of rated output voltage
12 V
15 V
24 V
Alarm threshold
(red colour)
Output voltage ≤ 80% of rated output voltage, or overload
Control and protection
Operating description
SPMA...151
SPMA...301
SPMA...601
SPMA...1001
Overvoltage
protection
5 V
5.8 ~ 7.5 V
-
-
12 V 14.2 ~ 16.5 V
15 ~ 18 V
14.5 ~ 17.5 V
14.2 ~ 16.2 V
15 V
18 ~ 20 V
18.8 ~ 22.5 V
18.8 ~ 22.5 V
18.8 ~ 22.5 V
24 V
29 ~ 33 V
30 ~ 36 V
30 ~ 36 V
30 ~ 36 V
(100W S)
Overvoltage protection
type
Shut off o/p voltage, re-power on
Overload protection and
protection type
110% ~
150% of
rated output
current, con-
stant current,
auto
recovery
110% ~ 150% of rated
output current, constant
current, auto recovery
(12 V / 15 V / 24 V)
110% ~ 150% of rated
output current, hiccup
mode, auto recovery
(5 V)
110% ~ 160% of rated
output current, constant
current, auto recovery
(12 V / 15 V / 24 V)
110% ~ 160% of rated
output current, hiccup
mode, autor recovery
(5 V)
110% ~ 150%
(100W S)
102% ~ 110% of
rated output cur-
rent, constant cur-
rent, auto recovery
Short circuit protection
Long-term mode, auto recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com