Electronic Components Datasheet Search
  English  ▼

X  

SPMA Datasheet(PDF) 6 Page - Carlo Gavazzi Holding AG

Part # SPMA
Description  Single Phase Power Supply
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPMA Datasheet(HTML) 6 Page - Carlo Gavazzi Holding AG

Back Button SPMA Datasheet HTML 2Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 3Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 4Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 5Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 6Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 7Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 8Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 9Page - Carlo Gavazzi Holding AG SPMA Datasheet HTML 10Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Carlo Gavazzi Ltd..
SPMA
SPMA DS ENG
13/07/2020
General data
Features
SPMA...151
SPMA...301
SPMA...601
SPMA...1001
Leakage current
(Input @240VAC, 63Hz)
< 0.25 mA (input - output)
Efficiency
5 V
77.5 %
81 %
-
-
12 V
83 %
86 %
86.5 %
87 %
15 V
84 %
86.5 %
87 %
88 %
24 V
85 %
88 %
89 %
89 %
Power loss @ nominal load
< 0.5 W
Ingress protection
IP 20
MTBF
>300,000 Hrs
Case material
Plastic
Weight
71 g
201 g
267 g
Mounting
DIN rail
(All specifications are at nominal values, full load, 25°C unless otherwise stated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com