Electronic Components Datasheet Search
  English  ▼

X  

ABPYX Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ABPYX
Description  Chip Bead ABPY Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ABPYX Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ABPYX Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Automotive
AEC-Q200
■ Dimensions
■ Recommended Land Pattern
unit:mm
unit:mm
■ Electrical Characteristics
Impedance
Test Freq.
RDC
Rated Current
(Ω)
(Ω)Max.
(mA)Max.
ABPY00160808100Y00
10
100 MHz,200 mV
0.020
4000
ABPY00160808300Y00
30
100 MHz,200 mV
0.030
3000
ABPY00160808600Y00
60
100 MHz,200 mV
0.040
3000
ABPY00160808800Y00
80
100 MHz,200 mV
0.050
2500
ABPY00160808121Y00
120
100 MHz,200 mV
0.080
2500
ABPY00160808181Y00
180
100 MHz,200 mV
0.090
2000
ABPY00160808221Y00
220
100 MHz,200 mV
0.100
2000
ABPY00160808301Y00
300
100 MHz,200 mV
0.120
1500
ABPY00160808471Y00
470
100 MHz,200 mV
0.150
1500
ABPY00160808601Y00
600
100 MHz,200 mV
0.200
1000
ABPY00160808102Y00
1000
100 MHz,200 mV
0.250
800
Note: When ordering, please specify tolerance code. Tolerance: Y=±25%
3. Measure Equipment:
Z: HP4291A
RDC: HP4338B or CHEN HWA 502
2. Rate Current:Applied the current to coils, the temperature rise shall not be more than 30℃
1. Operating temperature range -40℃~125℃
Chip Bead ABPY Series
Part No.
ABPY00160808 Type
ABPYx Series
Rev :
www.leiditech.com
01.06.2018
4/10
Please be sure to request approval specifications that provide further details of the products. Kindly note that the content of these specifications
are subject to change or may be discontinued without prior notice. This product may not be designed/used in medical or high risk applications
without Chilisin approval. Please contact our sales department before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com