Electronic Components Datasheet Search
  English  ▼

X  

ABPYX Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ABPYX
Description  Chip Bead ABPY Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ABPYX Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ABPYX Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Automotive
AEC-Q200
RoHS Compliant
Halogen Free
REACH Compliant
■ Part Numbering
A
BPY
00
100505 1.0x0.5x0.5
300
30
Y
±25%
160808 1.6x0.8x0.8
121
120
201209 2.0x1.25x0.9
102
1000
321611 3.2x1.6x1.1
Control Code
Dimensions Code
(mm)
Series Name
Chip Bead ABPY Series
00
Grade
100505
Internal Code
Impedance
(Ω)
300
Tolerance
Y
ABPYx Series
Rev :
www.leiditech.com
01.06.2018
10/10


Similar Part No. - ABPYX

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ABP HONEYWELL-ABP Datasheet
1Mb / 14P
High Accuracy Digital or Analog Output Compensated/Amplified
October 2015
logo
Conquer Electronics Co....
ABP-A CONQUER-ABP-A Datasheet
163Kb / 1P
Fast-Acting Fuse
ABP-A.100 CONQUER-ABP-A.100 Datasheet
163Kb / 1P
Fast-Acting Fuse
ABP-A.125 CONQUER-ABP-A.125 Datasheet
163Kb / 1P
Fast-Acting Fuse
ABP-A.150 CONQUER-ABP-A.150 Datasheet
163Kb / 1P
Fast-Acting Fuse
More results

Similar Description - ABPYX

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIM21J601NE SAMSUNG-CIM21J601NE Datasheet
1Mb / 16P
Chip Bead ; CIB/CIM Series
logo
Bourns Electronic Solut...
MH1608_MDS BOURNS-MH1608_MDS Datasheet
214Kb / 1P
Ferrite Chip Bead Series
MH2029_MDS BOURNS-MH2029_MDS Datasheet
232Kb / 1P
Ferrite Chip Bead Series
MH3225_MDS BOURNS-MH3225_MDS Datasheet
214Kb / 1P
Ferrite Chip Bead Series
MH3261_MDS BOURNS-MH3261_MDS Datasheet
217Kb / 1P
Ferrite Chip Bead Series
MH4516_MDS BOURNS-MH4516_MDS Datasheet
214Kb / 1P
Ferrite Chip Bead Series
MH4532_MDS BOURNS-MH4532_MDS Datasheet
214Kb / 1P
Ferrite Chip Bead Series
logo
Samsung semiconductor
CIM21J202NE SAMSUNG-CIM21J202NE Datasheet
1Mb / 16P
Chip Bead CIB/CIM Series
logo
Superworld Electronics
ZAW100-RE-10 SUPERWORLD-ZAW100-RE-10_17 Datasheet
244Kb / 6P
Ferrite Chip Bead ??ZA Series
Z3N070-RF-10 SUPERWORLD-Z3N070-RF-10 Datasheet
397Kb / 9P
Ferrite Chip Bead ??Z3 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com