Electronic Components Datasheet Search
  English  ▼

X  

ABPYX Datasheet(PDF) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ABPYX
Description  Chip Bead ABPY Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ABPYX Datasheet(HTML) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button ABPYX Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd ABPYX Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Automotive
AEC-Q200
ABPY00201209 Type
■ Characteristics Graph
Chip Bead ABPY Series
0
2
4
6
8
10
12
14
16
18
1
10
100
1000
FREQUENCY (MHz)
RDC<0.01 Ω Rated Current :6000 mA
ABPY00201209100Y00
Z
X
R
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
FREQUENCY (MHz)
RDC<0.015 Ω Rated Current :4000 mA
ABPY00201209300Y00
Z
R
X
0
10
20
30
40
50
60
70
80
90
1
10
100
1000
FREQUENCY (MHz)
RDC<0.03 Ω Rated Current :3000 mA
ABPY00201209600Y00
Z
X
R
0
20
40
60
80
100
120
1
10
100
1000
FREQUENCY (MHz)
RDC<0.04 Ω Rated Current :3000 mA
ABPY00201209800Y00
Z
R
X
0
20
40
60
80
100
120
140
160
180
1
10
100
1000
FREQUENCY (MHz)
RDC<0.04 Ω Rated Current :3000 mA
ABPY00201209121Y00
Z
R
X
0
50
100
150
200
250
300
1
10
100
1000
FREQUENCY (MHz)
RDC<0.05 Ω Rated Current :2500 mA
ABPY00201209201Y00
Z
R
X
0
50
100
150
200
250
300
1
10
100
1000
FREQUENCY (MHz)
RDC<0.08 Ω Rated Current :2000 mA
ABPY00201209221Y00
Z
R
X
0
50
100
150
200
250
300
350
400
450
1
10
100
1000
FREQUENCY (MHz)
RDC<0.08 Ω Rated Current :2000 mA
ABPY00201209301Y00
Z
R
X
0
100
200
300
400
500
600
1
10
100
1000
FREQUENCY (MHz)
RDC<0.1 Ω Rated Current :2000 mA
ABPY00201209471Y00
Z
X
R
0
100
200
300
400
500
600
700
1
10
100
1000
FREQUENCY (MHz)
RDC<0.1Ω Rated Current :2000 mA
ABPY00201209601Y00
Z
R
X
0
200
400
600
800
1000
1200
1
10
100
1000
FREQUENCY (MHz)
RDC<0.12Ω Rated Current :1500 mA
ABPY00201209102Y00
Z
R
X
ABPYx Series
Rev :
www.leiditech.com
01.06.2018
7/10
Please be sure to request approval specifications that provide further details of the products. Kindly note that the content of these specifications
are subject to change or may be discontinued without prior notice. This product may not be designed/used in medical or high risk applications
without Chilisin approval. Please contact our sales department before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com