Electronic Components Datasheet Search
  English  ▼

X  

CY28342ZCT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY28342ZCT
Description  High-performance SiS645/650 Pentium 4 Clock Synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28342ZCT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY28342ZCT Datasheet HTML 5Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 6Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 7Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 8Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 9Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 10Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 11Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 12Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CY28342
Document #: 38-07349 Rev. *A
Page 9 of 22
Byte 12: Watchdog Time Stamp Register (All bits are Read and Write functional)
Bit
@Pup
Name
Description
71
SRESET#/PCI_STP#. 1 = pin 12 is the input pin as PCI_STP# signal. 0 = pin 12 is the output pin
as SRESET# signal.
60
Frequency Revert. This bit allows setting the Revert Frequency once the system is rebooted due
to Watchdog time-out only. 0 = selects frequency of existing H/W setting. 1 = selects frequency of
the second to last S/W setting (the software setting prior to the one that caused a system reboot).
50
WDTEST. For WD-Test, ALWAYS program to “0.”
40
WD Alarm. This bit is set to “1” when the Watchdog times out. It is reset to “0” when the system
clears the WD time stamps (WD3:0).
3
0
WD3
These bits select the Watchdog Time Stamp Value. See Table 8.
20
WD2
10
WD1
00
WD0
Table 8. Watchdog Time Stamp Table
WD(3:0)
FUNCTION
0000
Off
0001
1 second
0010
2 seconds
0011
3 seconds
0100
4 seconds
0101
5 seconds
0110
6 seconds
0111
7 seconds
1000
8 seconds
1001
9 seconds
1010
10 seconds
1011
11 seconds
1100
12 seconds
1101
13 seconds
1110
14 seconds
1111
15 seconds
Byte 13: Dial-a-Frequency Control Register N (All bits are Read and Write functional)[5]
Bit
@Pup
Description
70
Reserved.
60
N6, MSB
50
N5
40
N4
30
N3
20
N2
10
N3
00
N0, LSB
Note:
5.
Byte 13 and Byte 14 should be Write together in every case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com