Electronic Components Datasheet Search
  English  ▼

X  

CY28342ZCT Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY28342ZCT
Description  High-performance SiS645/650 Pentium 4 Clock Synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28342ZCT Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY28342ZCT Datasheet HTML 9Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 10Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 11Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 12Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 13Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 14Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 15Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 16Page - Cypress Semiconductor CY28342ZCT Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
CY28342
Document #: 38-07349 Rev. *A
Page 13 of 22
CPU_STP# Clarification
The CPU_STP# signal is an active LOW input used for
synchronous stopping and starting of the CPU output clocks
while the rest of the clock generator continues to function.
CPU_STP# Assertion
When CPU_STP# pin is asserted, all CPU outputs that are set
with the SMBus configuration to be stoppable via assertion of
CPU_STP# will be stopped after being sampled by two falling
CPU clock edges. The final state of the stopped CPU signals
is CPU = HIGH and CPU0# = LOW. There is no change to the
output drive current values during the stopped state. The CPU
is driven HIGH with a current value equal to (Mult0
“select”) × (Iref), and the CPU# signal will not be driven. Due
to external pull-down circuitry, CPU# will be LOW during this
stopped state.
CPU_STP# Deassertion
The deassertion of the CPU_STP# signal will cause all CPU
outputs that were stopped to resume normal operation in a
synchronous manner. Synchronous manner meaning that no
short or stretched clock pulses will be produce when the clock
resumes. The maximum latency from the deassertion to active
outputs is no more than two CPU clock cycles.
CPU_STP#
CPUT
CPUC
Figure 1. Assertion CPU_STP# Waveform
CPU_STP#
CPUT
CPUC
CPUT
CPUC
Figure 2. Deassertion CPU_STP# Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com